Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF0810S-90 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF0810S-90
Description  Base station LDMOS transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF0810S-90 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF0810S-90 Datasheet HTML 7Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 8Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 9Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 10Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 11Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 12Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 13Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 14Page - NXP Semiconductors BLF0810S-90 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2003 Jun 12
11
Philips Semiconductors
Product specification
Base station LDMOS transistors
BLF0810-90; BLF0810S-90
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502B
99-12-28
03-01-10
0
5
10 mm
scale
Earless flanged LDMOST ceramic package; 2 leads
SOT502B
A
F
b
D
U2
L
H
Q
c
1
3
2
D1
E
D
U1
D
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
w2
F
1.14
0.89
U1
20.70
20.45
L
5.33
4.32
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.010
0.045
0.035
0.815
0.805
0.210
0.170
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)


Similar Part No. - BLF0810S-90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF0810S-180 PHILIPS-BLF0810S-180 Datasheet
117Kb / 16P
   Base station LDMOS transistors
2003 Jun 12
More results

Similar Description - BLF0810S-90

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF0810-180 PHILIPS-BLF0810-180 Datasheet
117Kb / 16P
   Base station LDMOS transistors
2003 Jun 12
BLF900S-110 PHILIPS-BLF900S-110 Datasheet
137Kb / 13P
   Base station LDMOS transistors
2004 Feb 04
BLF1049 PHILIPS-BLF1049 Datasheet
110Kb / 12P
   Base station LDMOS transistor
2003 May 14
BLF6G10L PHILIPS-BLF6G10L Datasheet
284Kb / 15P
   260 W LDMOS power transistor for base station applications
Rev. 2-12 July 2013
logo
STMicroelectronics
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
   RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
   RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
SD1390 STMICROELECTRONICS-SD1390 Datasheet
50Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
SD1391 STMICROELECTRONICS-SD1391 Datasheet
56Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
2SD1391 STMICROELECTRONICS-2SD1391 Datasheet
56Kb / 5P
   RF & MICROWAVE TRANSISTORS UHF BASE STATION APPLICATIONS
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
   RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com