Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5211 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA5211
Description  Transimpedance amplifier 180MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5211 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA5211 Datasheet HTML 6Page - NXP Semiconductors SA5211 Datasheet HTML 7Page - NXP Semiconductors SA5211 Datasheet HTML 8Page - NXP Semiconductors SA5211 Datasheet HTML 9Page - NXP Semiconductors SA5211 Datasheet HTML 10Page - NXP Semiconductors SA5211 Datasheet HTML 11Page - NXP Semiconductors SA5211 Datasheet HTML 12Page - NXP Semiconductors SA5211 Datasheet HTML 13Page - NXP Semiconductors SA5211 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Product specification
SA5211
Transimpedance amplifier (180MHz)
1998 Oct 07
10
TYPICAL PERFORMANCE CHARACTERISTICS
NE5211 Supply Current
vs Temperature
NE5211 Output Bias Voltage
vs Temperature
NE5211 Output Voltage
vs Input Current
NE5211 Input Bias Voltage
vs Temperature
NE5211 Output Bias Voltage
vs Temperature
NE5211 Differential Output Voltage
vs Input Current
NE5211 Output Offset Voltage
vs Temperature
NE5211 Differential Output Swing
vs Temperature
NE5211 Output Voltage
vs Input Current
AMBIENT TEMPERATURE (
°C)
–60
–20
0
20 40
60 80 100 120
30
–40
3.50
3.45
3.40
3.35
3.30
3.25
VCC = 5.0V
PIN 14
PIN 12
950
5.5V
4.5V
40
5.5V
5.0V
4.5V
VOS = VOUT12 – VOUT14
4.1
3.9
3.7
3.5
3.3
3.1
2.9
2.7
PIN 14
5.5V
5.0V
4.5V
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
5.5V
5.0V
4.5V
2.4
2.2
DC TESTED
RL = ∞
4.5
2.5
–100.0
0
+100.0
INPUT CURRENT (
µA)
+25
°C
+125
°C
+85
°C
–55
°C
+125
°C
+85
°C
2.0
0
–2.0
–100.0
0
+100.0
INPUT CURRENT (
µA)
5.5V
5.0V
4.5V
5.5V
5.0V
4.5V
2.0
0
–2.0
–100.0
0
+100.0
INPUT CURRENT (
µA)
+125
°C
+85
°C
+25
°C
–55
°C
140
28
26
24
22
20
18
5.5V
4.5V
5.0V
–60
–20
0
20 40
60 80 100 120
–40
140
AMBIENT TEMPERATURE (
°C)
–60
–20
0
20 40
60 80 100 120
–40
140
AMBIENT TEMPERATURE (
°C)
900
850
800
750
700
650
–60
–20
0
20 40
60 80 100 120
–40
140
AMBIENT TEMPERATURE (
°C)
–60
–20
0
20 40
60 80 100 120
–40
140
AMBIENT TEMPERATURE (
°C)
20
0
–20
–40
–60
–80
–100
–120
–140
–60
–20
0
20 40
60 80 100 120
–40
140
AMBIENT TEMPERATURE (
°C)
+25
°C
–55
°C
–55
°C
+25
°C
+85
°C
–55
°C
+25
°C
+125
°C
+85
°C
SD00332
+125
°C
Figure 7. Typical Performance Characteristics


Similar Part No. - SA5211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5212 PHILIPS-SA5212 Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212A PHILIPS-SA5212A Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AD PHILIPS-SA5212AD Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AFE PHILIPS-SA5212AFE Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
SA5212AN PHILIPS-SA5212AN Datasheet
186Kb / 20P
   Transimpedance amplifier 140MHz
1998 Oct 07
More results

Similar Description - SA5211

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
   180MHz Current Feedback Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
Intersil Corporation
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
   Low Power, 180MHz Buffer Amplifier
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com