Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520C227M003ATE015 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520C227M003ATE015
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520C227M003ATE015 Datasheet(HTML) 1 Page - Kemet Corporation

  T520C227M003ATE015 Datasheet HTML 1Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 2Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 3Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 4Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 5Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 6Page - Kemet Corporation T520C227M003ATE015 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
50
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
H
H
BOTTOM VIEW
E
F
A
L
OUTLINE DRAWING
FEATURES
Polymer Cathode Technology
Use Up to 80% of Rated Voltage (20% Derating)
Low ESR
for part types > 10 Volts
High Frequency Cap Retention
Capacitance 15 to 1000μF (±20%)
No-Ignition Failure Mode
Voltage 2V to 25V
Use Up to 90% of Rated Voltage (10% Derating) EIA Standard Case Sizes
for part types
≤ 10 Volts
100% Surge Current Tested
Halogen Free Epoxy
Operating Temperature -55ºC to +105ºC
100% Accelerated Steady State Aging
Self Healing Mechanism
Volumetrically Efficient
RoHS Compiant & Leadfree Terminations (see
www.kemet.com for lead transition)
DIMENSIONS - MILLIMETERS
T520 ORDERING INFORMATION
T 520
Capacitance Picofarad Code
Case Size
A, T, B, C, V, W, D, Y, X
Tantalum
Series
T520 - Low ESR Polymer
V 157 M 006
S
Capacitance Tolerance
M = ± 20%
Lead Material
Failure Rate
A - Not Applicable
Voltage
H - Tin/Lead (SnPb 5% Pb minimum)
T - 100% Tin (Sn) Plated
E015
ESR
A
*S - Not recommended for new design
*See www.kemet.com for Pb Free transition information.
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
*100% Tin
Case Size
KEMET
EIA
L
W
H
K ± 0.20
F ± 0.1
S ± 0.3
X(Ref)
T(Ref)
A(Min)
G(ref)
E(ref)
A
3216-18
3.2 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
0.9
1.2
0.8
0.10 ± 0.10
0.13
1.4
1.1
1.3
T
3528-12
3.5 ± 0.2
2.8 ± 0.2
1.2 max
0.3
2.2
0.8
0.05
0.13
2.1
1.8
2.2
B
3528-21
3.5 ± 0.2
2.8 ± 0.2
1.9 ± 0.2
0.9
2.2
0.8
0.10 ± 0.10
0.13
2.1
1.8
2.2
C
6032-28
6.0 ± 0.3
3.2 ± 0.3
2.5 ± 0.3
1.4
2.2
1.3
0.10 ± 0.10
0.13
3.1
2.8
2.4
U
6032-15
6.0 ± 0.3
3.2 ± 0.3
1.5 max
0.5
2.2
1.3
0.05
0.13
3.1
2.8
2.4
W
7343-15
7.3 ± 0.3
4.3 ± 0.3
1.5 max
0.6
2.4
1.3
0.05
0.13
3.8
3.5
3.5
V
7343-20
7.3 ± 0.3
4.3 ± 0.3
1.9 max
0.9
2.4
1.3
0.05
0.13
3.8
3.5
3.5
D
7343-31
7.3 ± 0.3
4.3 ± 0.3
2.8 ± 0.3
1.5
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
Y
7343-40
7.3 ± 0.3
4.3 ± 0.3
4.0 max
1.9
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
X
7343-43
7.3 ± 0.3
4.3 ± 0.3
4.0 ± 0.3
2.3
2.4
1.3
0.10 ± 0.10
0.13
3.8
3.5
3.5
50
*Pb-free supply is not guaranteed with
the ‘S’ termination code.
This termination code not available
effective 15 July 2007.
KEMET
Organic
157
6K
512
KO
Rated
Voltage
Polarity (+)
Indicator
Picofarad
Code
KEMET ID
PWC
512 = 12th week of 2005
COMPONENT MARKING


Similar Part No. - T520C227M003ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520C227M004AE015 KEMET-T520C227M004AE015 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C227M004AE018 KEMET-T520C227M004AE018 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C227M004AE025 KEMET-T520C227M004AE025 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C227M004AE045 KEMET-T520C227M004AE045 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C227M004AE055 KEMET-T520C227M004AE055 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520C227M003ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com