Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5212AN Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA5212AN
Description  Transimpedance amplifier 140MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5212AN Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA5212AN Datasheet HTML 5Page - NXP Semiconductors SA5212AN Datasheet HTML 6Page - NXP Semiconductors SA5212AN Datasheet HTML 7Page - NXP Semiconductors SA5212AN Datasheet HTML 8Page - NXP Semiconductors SA5212AN Datasheet HTML 9Page - NXP Semiconductors SA5212AN Datasheet HTML 10Page - NXP Semiconductors SA5212AN Datasheet HTML 11Page - NXP Semiconductors SA5212AN Datasheet HTML 12Page - NXP Semiconductors SA5212AN Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
SA5212A
Transimpedance amplifier (140MHz)
1998 Oct 07
9
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Gain vs Frequency
Gain vs Frequency
Output Resistance
vs Frequency
Gain vs Frequency
Gain and Phase Shift
vs Frequency
12
11
10
9
8
7
6
5
4
3
0.1
1
10
100
FREQUENCY (MHz)
11
10
9
8
7
6
5
4
3
0.1
1
10
100
FREQUENCY (MHz)
0.1
1
10
100
FREQUENCY (MHz)
80
70
60
50
40
30
20
10
Gain vs Frequency
Output Resistance
vs Frequency
Gain and Phase Shift
vs Frequency
Gain and Phase Shift
vs Frequency
5.5V
4.5V
5.0V
PIN 5
TA = 25°C
N PKG
PIN 7
TA = 25°C
N PKG
5.5V
5.0V
4.5V
VCC = 5V
TA = 25°C
N PKG
PIN 7
PIN 5
11
0.1
1
10
100
FREQUENCY (MHz)
10
9
8
7
6
5
4
3
PIN 5
VCC = 5V
N PKG
25
°C
–55
°C
125
°C
85
°C
–55
°C
125
°C
11
0.1
1
10
100
10
9
8
7
6
5
4
3
PIN 7
VCC = 5V
N PKG
FREQUENCY (MHz)
–55
°C
125
°C
–55
°C
125
°C
100
0.1
1
10
100
FREQUENCY (MHz)
90
80
70
60
50
40
30
20
10
TA = 25°C
VCC = 5V
D PKG
11
0.1
1
10
100
10
9
8
7
6
5
4
3
FREQUENCY (MHz)
PIN 5
VCC = 5V
N PKG
TA = 25°C
–45
–135
–225
11
0.1
1
10
100
10
9
8
7
6
5
4
3
–180
–270
–360
FREQUENCY (MHz)
PIN 7
VCC = 5V
D PKG
TA = 25°C
φ
φ
φ
11
0.1
1
10
100
10
9
8
7
6
5
4
3
–180
–270
–360
PIN 7
VCC = 5V
N PKG
TA = 25°C
FREQUENCY (MHz)
SD00342
Figure 8. Typical Performance Characteristics (cont.)


Similar Part No. - SA5212AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5211D PHILIPS-SA5211D Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
SA5214 PHILIPS-SA5214 Datasheet
83Kb / 10P
   Postamplifier with link status indicator
1998 Oct 07
SA5214D PHILIPS-SA5214D Datasheet
83Kb / 10P
   Postamplifier with link status indicator
1998 Oct 07
SA5217 PHILIPS-SA5217 Datasheet
98Kb / 12P
   Postamplifier with link status indicator
1998 Oct 07
More results

Similar Description - SA5212AN

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com