Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494D105K035AS Datasheet(PDF) 2 Page - Kemet Corporation

Part # T494D105K035AS
Description  SOLID TANTALUM CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494D105K035AS Datasheet(HTML) 2 Page - Kemet Corporation

  T494D105K035AS Datasheet HTML 1Page - Kemet Corporation T494D105K035AS Datasheet HTML 2Page - Kemet Corporation T494D105K035AS Datasheet HTML 3Page - Kemet Corporation T494D105K035AS Datasheet HTML 4Page - Kemet Corporation T494D105K035AS Datasheet HTML 5Page - Kemet Corporation T494D105K035AS Datasheet HTML 6Page - Kemet Corporation T494D105K035AS Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES—Low ESR, Industrial Grade
28
T494 RATINGS & PART NUMBER REFERENCE
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert S, H, G, or T lead material designation as shown on page 27.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET’s option.
Voltage substitutions will be marked with the higher voltage rating.
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR Ω
@ +25ºC
100 kHz
Max
100.0
T
T494T107(1)2R5A(2)
2.5
24.0
3.5
220.0
D
T494D227(1)2R5A(2)
5.5
8.0
0.2
#33.0
A
T494A336(1)003A(2)
1.0
6.0
2.0
3.3
A
T494A335(1)004A(2)
0.5
6.0
4.0
4.7
A
T494A475(1)004A(2)
0.5
6.0
3.5
6.8
A
T494A685(1)004A(2)
0.5
6.0
3.0
6.8
S
T494S685(1)004A(2)
0.5
6.0
7.0
10.0
B
T494B106(1)004A(2)
0.5
6.0
1.2
10.0
A
T494A106(1)004A(2)
0.5
6.0
2.0
#10.0
S
T494S106(1)004A(2)
0.5
6.0
9.0
#10.0
R
T494R106M004A(2)
0.5
8.0
6.0
15.0
B
T494B156(1)004A(2)
0.6
6.0
1.2
15.0
A
T494A156(1)004A(2)
0.6
6.0
1.5
15.0
T
T494T156(1)004A(2)
0.6
6.0
2.0
#15.0
S
T494S156M004A(2)
0.6
10.0
9.0
22.0
C
T494C226(1)004A(2)
0.9
6.0
0.5
22.0
B
T494B226(1)004A(2)
0.9
6.0
0.6
#22.0
A
T494A226(1)004A(2)
0.9
6.0
1.5
#22.0
S
T494S226M004A(2)
0.9
10.0
8.0
#22.0
T
T494T226(1)004A(2)
0.9
6.0
2.5
33.0
C
T494C336(1)004A(2)
1.3
6.0
0.5
33.0
U
T494U336(1)004A(2)
1.3
6.0
0.6
33.0
B
T494B336(1)004A(2)
1.3
6.0
0.5
#33.0
A
T494A336(1)004A(2)
1.3
6.0
3.0
#33.0
T
T494T336M004A(2)
1.3
8.0
3.5
47.0
C
T494C476(1)004A(2)
1.9
6.0
0.5
47.0
U
T494U476(1)004A(2)
1.9
6.0
0.6
#47.0
B
T494B476(1)004A(2)
1.9
6.0
0.5
#47.0
A
T494A476M004A(2)
1.9
12.0
2.0
#47.0
T
T494T476M004A(2)
1.9
12.0
4.0
68.0
D
T494D686(1)004A(2)
2.7
6.0
0.20
68.0
C
T494C686(1)004A(2)
2.7
6.0
0.25
#68.0
U
T494U686(1)004A(2)
2.7
6.0
0.60
#68.0
B
T494B686(1)004A(2)
2.7
6.0
2.00
#68.0
A
T494A686(1)004A(2)
2.8
30.0
3.00
100.0
D
T494D107(1)004A(2)
4.0
8.0
0.20
#100.0
C
T494C107(1)004A(2)
4.0
8.0
0.20
#100.0
U
T494U107(1)004A(2)
4.0
10.0
1.00
#100.0
B
T494B107M004A(2)
4.0
8.0
0.65
†100.0
A
T494A107M004A(2)
4.0
30.0
3.00
†100.0
T
T494T107M004A(2)
4.0
30.0
4.50
150.0
D
T494D157(1)004A(2)
6.0
8.0
0.15
150.0
V
T494V157(1)004A(2)
6.0
8.0
0.20
#150.0
C
T494C157(1)004A(2)
6.0
8.0
0.30
†150.0
B
T494B157M004A(2)
6.0
12.0
1.00
#220.0
V
T494V227(1)004A(2)
8.8
8.0
0.30
#220.0
B
T494B227M004A(2)
8.8
8.0
0.40
#330.0
D
T494D337(1)004A(2)
13.2
8.0
0.15
#330.0
C
T494C337(1)004A(2)
13.2
10.0
0.09
†330.0
V
T494V337(1)004A(2)
13.2
12.0
0.30
#470.0
X
T494X477(1)004A(2)
18.8
8.0
0.15
#470.0
D
T494D477(1)004A(2)
18.8
8.0
0.15
#680.0
X
T494X687M004A(2)
27.2
12.0
0.10
#680.0
D
T494D687M004A(2)
27.2
12.0
0.15
#1000.0
X
T494X108(1)004A(2)
40.0
12.0
0.10
#1000.0
E
T494E108M004A(2)
40.0
15.0
0.08
2.2
R
T494R225(1)006A(2)
0.5
6.0
20.0
2.2
A
T494A225(1)006A(2)
0.5
6.0
6.0
3.3
A
T494A335(1)006A(2)
0.5
6.0
6.0
4.7
A
T494A475(1)006A(2)
0.5
6.0
3.5
4.7
S
T494S475(1)006A(2)
0.5
6.0
8.0
6.8
B
T494B685(1)006A(2)
0.5
6.0
1.2
6.8
A
T494A685(1)006A(2)
0.5
6.0
2.0
#6.8
S
T494S685(1)006A(2)
0.5
6.0
9.0
#6.8
R
T494R685(1)006A(2)
0.5
8.0
10.0
10.0
B
T494B106(1)006A(2)
0.6
6.0
1.0
10.0
A
T494A106(1)006A(2)
0.6
6.0
2.0
10.0
T
T494T106(1)006A(2)
0.6
6.0
1.2
#10.0
S
T494S106M006A(2)
0.6
10.0
9.0
#10.0
R
T494R106M006A(2)
0.6
8.0
6.0
2.5 Volt Rating at +85ºC (1.7 Volt Rating at +125ºC)
3 Volt Rating at +85ºC (2 Volt Rating at +125ºC)
4 Volt Rating at +85ºC (2.7 Volt Rating at +125ºC)
**6 Volt Rating at +85ºC (4 Volt Rating at +125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
µA @ 25°C
Max
DF %
@ +25ºC
120 Hz
Max
ESR Ω
@ +25ºC
100 kHz
Max
15.0
C
T494C156(1)006A(2)
0.9
6.0
0.6
15.0
B
T494B156(1)006A(2)
0.9
6.0
0.7
#15.0
A
T494A156(1)006A(2)
0.9
6.0
2.0
#15.0
T
T494T156(1)006A(2)
0.9
6.0
2.5
#15.0
S
T494S156M006A(2)
0.9
10.0
10.0
22.0
C
T494C226(1)006A(2)
1.4
6.0
0.5
22.0
U
T494U226(1)006A(2)
1.4
6.0
0.8
22.0
B
T494B226(1)006A(2)
1.4
6.0
0.6
#22.0
A
T494A226(1)006A(2)
1.4
6.0
3.0
#22.0
T
T494T226M006A(2)
1.4
8.0
3.5
33.0
C
T494C336(1)006A(2)
2.0
6.0
0.3
33.0
U
T494U336(1)006A(2)
2.0
6.0
0.6
#33.0
B
T494B336(1)006A(2)
2.0
6.0
0.6
#33.0
A
T494A336(1)006A(2)
2.0
12.0
2.0
#33.0
T
T494T336M006A(2)
2.0
12.0
4.0
47.0
D
T494D476(1)006A(2)
2.9
6.0
0.22
47.0
C
T494C476(1)006A(2)
2.9
6.0
0.25
#47.0
U
T494U476(1)006A(2)
2.9
6.0
0.60
#47.0
B
T494B476(1)006A(2)
2.9
6.0
0.50
†47.0
A
T494A476M006A(2)
3.0
12.0
2.50
47.0
T
T494T476(1)006A(2)
3.0
24.0
4.00
68.0
D
T494D686(1)006A(2)
4.1
6.0
0.20
#68.0
C
T494C686(1)006A(2)
4.1
6.0
0.20
#68.0
U
T494U686(1)006A(2)
4.1
10.0
1.00
#68.0
B
T494B686M006A(2)
4.1
8.0
0.65
#68.0
A
T494A686(1)006A(2)
5.0
30.0
3.00
100.0
D
T494D107(1)006A(2)
6.0
8.0
0.15
100.0
V
T494V107(1)006A(2)
6.0
8.0
0.20
#100.0
C
T494C107(1)006A(2)
6.0
8.0
0.30
#100.0
U
T494U107M006A(2)
6.0
10.0
1.20
#100.0
B
T494B107(1)006A(2)
6.0
15.0
1.50
150.0
D
T494D157(1)006A(2)
9.0
8.0
0.15
#150.0
C
T494C157M006A(2)
9.0
8.0
0.30
#150.0
V
T494V157(1)006A(2)
9.0
8.0
0.30
220.0
X
T494X227(1)006A(2)
13.2
8.0
0.15
#220.0
D
T494D227(1)006A(2)
13.2
8.0
0.15
#220.0
C
T494C227M006A(2)
13.2
10.0
0.30
#220.0
V
T494V227M006A(2)
13.2
12.0
0.30
#330.0
X
T494X337(1)006A(2)
19.8
8.0
0.15
#330.0
D
T494D337(1)006A(2)
19.8
8.0
0.15
#330.0
E
T494E337(1)006A(2)
20.8
8.0
0.25
#470.0
X
T494X477(1)006A(2)
28.2
10.0
0.10
#470.0
D
T494D477M006A(2)
28.2
12.0
0.15
#470.0
E
T494E477(1)006A(2)
29.6
10.0
0.20
#680.0
E
T494E687M006A(2)
40.8
12.0
0.10
1.5
A
T494A155(1)010A(2)
0.5
6.0
6.0
2.2
B
T494B225(1)010A(2)
0.5
6.0
1.5
2.2
A
T494A225(1)010A(2)
0.5
6.0
6.0
3.3
A
T494A335(1)010A(2)
0.5
6.0
4.0
3.3
S
T494S335(1)010A(2)
0.5
6.0
9.0
#3.3
R
T494R335(1)010A(2)
0.3
8.0
10.0
4.7
B
T494B475(1)010A(2)
0.5
6.0
1.5
4.7
A
T494A475(1)010A(2)
0.5
6.0
3.0
#4.7
S
T494S475(1)010A(2)
0.5
6.0
9.0
#4.7
R
T494R475M010A(2)
0.5
8.0
8.0
6.8
B
T494B685(1)010A(2)
0.7
6.0
1.2
6.8
A
T494A685(1)010A(2)
0.7
6.0
3.0
6.8
T
T494T685(1)010A(2)
0.7
6.0
2.0
#6.8
S
T494S685M010A(2)
0.7
10.0
9.0
10.0
C
T494C106(1)010A(2)
1.0
6.0
0.6
10.0
B
T494B106(1)010A(2)
1.0
6.0
0.8
#10.0
A
T494A106(1)010A(2)
1.0
6.0
1.8
#10.0
T
T494T106(1)010A(2)
1.0
6.0
3.5
#10.0
S
T494S106M010A(2)
1.0
10.0
12.0
15.0
C
T494C156(1)010A(2)
1.5
6.0
0.5
15.0
U
T494U156(1)010A(2)
1.5
6.0
0.8
15.0
B
T494B156(1)010A(2)
1.5
6.0
0.7
#15.0
A
T494A156(1)010A(2)
1.5
8.0
4.0
#15.0
T
T494T156M010A(2)
1.5
8.0
3.5
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
**6 Volt Rating at +85ºC (4 Volt Rating at +125ºC)


Similar Part No. - T494D105K035AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494D106K025AS KEMET-T494D106K025AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D106K025AT KEMET-T494D106K025AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, Low ESR, 10 uF, 7343, /-10% Tol, 25 VDC (85C)
T494D106K035AS KEMET-T494D106K035AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494D106K035AT KEMET-T494D106K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 3.1mm
T494D106K050AT KEMET-T494D106K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 700 mOhms, 3.1mm
More results

Similar Description - T494D105K035AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com