Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T290B256K008ASC-0100 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T290B256K008ASC-0100
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T290B256K008ASC-0100 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T290B256K008ASC-0100 Datasheet HTML 4Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 5Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 6Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 7Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 8Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 9Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 10Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 11Page - Kemet Corporation T290B256K008ASC-0100 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
c. Test condition letter - H (80G).
d. Duration and direction of motion - 4 hours in
each of two mutually perpendicular directions
(total of 8 hours), one parallel and the other
perpendicular to the axis.
e. Measurements during vibration - During the
last cycle, an electrical measurement shall be
made to determine intermittent operation or
open- or short-circuiting. Observations shall
also be made to determine intermittent con-
tact or arcing or open- or short-circuiting.
Detecting equipment shall be sufficiently sen-
sitive to detect any interruption with a duration
of 0.5 ms, or greater.
• DC Leakage - shall not exceed 1.25 times
initial limit
• Capacitance - shall not change more than
± 5% from initial limit
• DF - shall not exceed 1.15 times initial limit
f. Examination after test - Capacitors shall be
visually examined for evidence of mechanical
damage.
Shock Test: Per MIL-STD-202, Method 213.
The following details shall apply:
a. Special mounting means - Capacitors shall
be rigidly mounted on a mounting fixture by
the body. When securing leads, care shall be
taken to avoid pinching the heads.
b. Test-condition letter - D (500 G peak). 6 ms.
(sawtooth)
c. Measurements and electrical loading during
shock - During the test, observations shall be
made to determine intermittent contact or arc-
ing or open- or short-circuiting. Detecting
equipment shall be sufficiently sensitive to
detect any interruption with a duration of 0.5
ms. The DC rated voltage shall be applied to
the capacitors during the test.
d. Examinations after test - Capacitors shall be
visually examined for evidence of arcing,
breakdown, and mechanical damage.
Thermal Shock - MIL-STD-202, Method 107:
Capacitors shall be subjected to thermal shock
in accordance with MIL-STD-202, Method 107,
Test Condition A except step 3 shall be +125°C.
Measurements before and after cycling are
required. Conditioning prior to the first cycle will
be 15 minutes at the following standard inspec-
tion conditions:
a. Number of Cycles: 300 for qualification and
Group C
b. Ambient Temperature – 25°C ±5°C
c. Final measurements are made after stabi-
lization at room temperature
Moisture Resistance - MIL-STD-202, Method
106: Capacitors shall be tested in accordance
with MIL-STD-202, Method 106 including the
following details:
a. Mounting - The capacitors shall be mounted
by normal mounting means
b. Initial Measurements
c. Polarizing and Load Voltage - 6 vdc
d. Final measurements - After the final cycle
and within 2 to 6 hours after removal of the
capacitors from the humidity chamber, capa-
citance, dissipation factor, and DC leakage
will be measured per MIL-PRF-39006.
Resistance to Solvents - MIL-STD-202,
Method 215:
a. Brushing required after test
b. DCL meets limit shown in respective Part
Number Tables
c. Capacitance meets applicable tolerance
d. DF meets limits shown in respective Part
Number Tables
e. No visible damage to case or marking
Resistance to Soldering Heat - MIL-STD-
202, Method 210, Test Condition, Letter C.
Leads shall be immersed to within 0.05 inch of
the capacitor body. Capacitance, DF, and DCL
should meet original limits shown in respective
Part Number Tables.
Solderability - MIL-STD, Method 208:
a. Number of terminations on each capacitor
tested: 2
b. Depth of insertion in flux and solder to with-
in 0.062” of welded joint
Stability at Low and High Temperature
-55°C to 125°C: Capacitors will be capable of
withstanding extreme temperature testing at a
succession of continuous steps at +25°C, -55°C,
+25°C, +85°C, +125°C, +25°C, in the order stated.
Capacitors shall be brought to thermal stability at
each test temperature. Capacitance, DF, and DCL
are measured at each test temperature except that
DCL is not measured at -55°C, DC bias of 2.0 ±0.5
vdc is recommended for the capacitance and DF
measurements.
When measurements are made at the various
steps, the electrical limits for each temperature
shall not exceed the following limits.
Step 1, +25°C
DCL as indicated in original
limit; capacitance within toler-
ance specified; DF as indicat-
ed in original limit shown in
Part Number Tables.
Step 2, -55°C
Impedance and capacitance
change as defined in M39006
Slash Sheet.
8


Similar Part No. - T290B256K008ASC-0100

ManufacturerPart #DatasheetDescription
logo
ITT Industries
T2921 ITT-T2921 Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
VBsemi Electronics Co.,...
T2955V VBSEMI-T2955V Datasheet
1,006Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
List of Unclassifed Man...
T298N ETC-T298N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T298N INFINEON-T298N Datasheet
271Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2007-09-03 revision: 1
More results

Similar Description - T290B256K008ASC-0100

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com