Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C22311RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C22311RAC
Description  Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C22311RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C22311RAC Datasheet HTML 1Page - Kemet Corporation C0603C22311RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Ceramic Chip Capacitors
Extended Values 0603, X7R Dielectric, 100 & 200 Volts
100 Volts – 12,000 pF - 39,000 pF
200 Volts – 1,200 pF - 10,000 pF
Table 1 - Dimensions - Millimeters
New Product Release
Outline Drawings
F3272 02/05
EIA
Size Code
Metric Size
Code (Ref)
L#
Length
W#
Width
Thickness
B
Bandwidth
S
Min. Separation
Mounting
Technique
0603*
1608
1.6 (.063) ± 0.15 (.006)
0.8 (.032) ± 0.15 (.006)
See Table 2
0.35 (.014) ± 0.15 (.006)
0.7 (.028)
Solder Wave or
Solder Reflow
Cap Values
KEMET Part Number
Capacitance Tolerance
Thickness - mm
Qty 7” Reel
Qty 13” Reel
12,000pF
C0603C123(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
15,000pF
C0603C153(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
18,000pF
C0603C183(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
22,000pF
C0603C223(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
27,000pF
C0603C273(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
33,000pF
C0603C333(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
39,000pF
C0603C393(1)1RAC
J,K,M
0.8 ± 0.1
4,000
10,000
1,200pF
C0603C122(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
1,500pF
C0603C152(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
1,800pF
C0603C182(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
2,200pF
C0603C222(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
2,700pF
C0603C272(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
3,300pF
C0603C332(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
3,900pF
C0603C392(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
4,700pF
C0603C472(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
5,600pF
C0603C562(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
6,800pF
C0603C682(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
8,200pF
C0603C822(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
10,000pF
C0603C103(1)2RAC
J,K,M
0.8 ± 0.1
4,000
10,000
Table 2 - Ratings & Part Number Listing
To complete the KEMET part number, insert capacitance tolerance: J - ±5%, K - ±10% or M ±20%.


Similar Part No. - C0603C22311RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C223B1GA KEMET-C0603C223B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0603C223B1GC KEMET-C0603C223B1GC Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0603C223B1PA KEMET-C0603C223B1PA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0603C223B1PC KEMET-C0603C223B1PC Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0603C223B1RA KEMET-C0603C223B1RA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
More results

Similar Description - C0603C22311RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C1253RAC KEMET-C1206C1253RAC Datasheet
36Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts
C0805C56413RAC KEMET-C0805C56413RAC Datasheet
36Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0805, X7R Dielectric, 25, 50, 100, 200 Volts
C1210C68513PAC KEMET-C1210C68513PAC Datasheet
21Kb / 2P
   Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K9RAC KEMET-C1206C275K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1210C4755RAC KEMET-C1210C4755RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com