Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206F102K5RAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206F102K5RAC
Description  CERAMIC OPEN MODE CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206F102K5RAC Datasheet(HTML) 4 Page - Kemet Corporation

  C1206F102K5RAC Datasheet HTML 1Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 2Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 3Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 4Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 5Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 6Page - Kemet Corporation C1206F102K5RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum.
2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be:
Tape Width
Peel Strength
8 mm
0.1 Newton to 1.0 Newton (10g to 100g)
12 mm
0.1 Newton to 1.3 Newton (10g to 130g)
The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier
tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape
shall be pulled at a velocity of 300 ±10 mm/minute.
3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13")
reels (with C-7280). Note that 13” reels are preferred.
4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only.
2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
3. Tape with components shall pass around radius “R” without damage (see sketch A). The minimum trailer length (Fig. 2) may require
additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2)
4. The cavity defined by A
0
, B
0
, and K
0 shall be configured to surround the part with sufficient clearance such that the chip does not pro-
trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical
restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm
maximum in the pocket (not applicable to vertical clearance.)
Table 1 — EMBOSSED TAPE DIMENSIONS (Metric will govern)
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
EP
0
P
2
T Max
T
1 Max
8 mm
1.5
1.75 ±0.10
4.0 ±0.10
2.0 ±0.05
0.600
0.100
and
+0.10 -0.0
12 mm
(0.059
(0.069 ±0.004)
(0.157 ±0.004)
(0.079 ±0.002)
(0.024)
(0.004)
+0.004, -0.0)
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Max.
D
1 Min.
F
P
1
R Min.
T
2 Max
W
A
0B0K0
Note 1
Note 2
Note 3
Note 4
8 mm
Single
4.4
1.0
3.5 ±0.05
4.0 ±0.10
25.0
2.5
8.0 ±0.30
(4 mm)
(0.173)
(0.039)
(0.138 ±0.002)
(0.157 ±0.004) (0.984)
(0.098)
(.315 ±0.012)
12 mm
Double
8.2
1.5
5.5 ±0.05
8.0 ±0.10
30.0
4.6
12.0 ±0.30
(8 mm)
(0.323)
(0.059)
(0.217 ±0.002)
(0.315 ±0.004) (1.181)
(0.181) (0.472 ±0.012)
TANTALUM, CERAMIC AND
ALUMINUM CHIP CAPACITORS
Packaging Information
94


Similar Part No. - C1206F102K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206F104K1RAC KEMET-C1206F104K1RAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C1206F104K1RACAUTO KEMET-C1206F104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C1206F104K1RACTU KEMET-C1206F104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206F104K2RACAUTO KEMET-C1206F104K2RACAUTO Datasheet
59Kb / 1P
   SMD Auto X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Automotive Grade, 1206
C1206F104K2RACTU KEMET-C1206F104K2RACTU Datasheet
59Kb / 1P
   SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1206
More results

Similar Description - C1206F102K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812F105K1RAC KEMET-C1812F105K1RAC Datasheet
473Kb / 2P
   CERAMIC OPEN MODE CAPACITORS
logo
MERITEK ELECTRONICS COR...
OP0805XR101K500 MERITEK-OP0805XR101K500 Datasheet
117Kb / 1P
   Multilayer Ceramic Capacitors OPEN-MODE DESIGN
logo
Exxelia Group
OPSERIES EXXELIA-OPSERIES Datasheet
616Kb / 16P
   Open Mode Chips Capacitors
02/21
logo
Kemet Corporation
C0805F473M1RAC KEMET-C0805F473M1RAC Datasheet
95Kb / 2P
   Open Mode Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805F224M3RAC KEMET-C0805F224M3RAC Datasheet
196Kb / 2P
   Surface Mount Ceramic Chip Capacitors - Open Mode - X7R - Capacitance Extensions
logo
TDK Electronics
C5750X7R1C226KT5XXX TDK-C5750X7R1C226KT5XXX Datasheet
295Kb / 2P
   Open Mode Capacitor
logo
Kemet Corporation
C0805F104K5RACTU KEMET-C0805F104K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F474K1RACTU KEMET-C1210F474K1RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1206J154K1RACTU KEMET-C1206J154K1RACTU Datasheet
72Kb / 1P
   Ceramic, Open Mode, OpenModeFlexTerm-(CxxxxJ), 0.15 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Open Mode, Temperature Stable
C1210F105K5RACTU KEMET-C1210F105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Open Mode, OpenMode-(CxxxxF), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Open Mode, Temperature Stable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com