Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA5222D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5222D
Description  Low-power FDDI transimpedance amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5222D Datasheet(HTML) 8 Page - NXP Semiconductors

  SA5222D Datasheet HTML 1Page - NXP Semiconductors SA5222D Datasheet HTML 2Page - NXP Semiconductors SA5222D Datasheet HTML 3Page - NXP Semiconductors SA5222D Datasheet HTML 4Page - NXP Semiconductors SA5222D Datasheet HTML 5Page - NXP Semiconductors SA5222D Datasheet HTML 6Page - NXP Semiconductors SA5222D Datasheet HTML 7Page - NXP Semiconductors SA5222D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Philips Semiconductors
Product specification
SA5222
Low-power FDDI transimpedance amplifier
1995 Apr 26
8
1
2
3
4
8
7
6
5
VCC1
GND 1
GND 1
VCC2
GND 2
SD00505
IN
OUT
OUT
Figure 25. SA5222 Bonding Diagram
Die Sales Disclaimer
Due to the limitations in testing high frequency and other parameters
at the die level, and the fact that die electrical characteristics may
shift after packaging, die electrical parameters are not specified and
die are not guaranteed to meet electrical characteristics (including
temperature range) as noted in this data sheet which is intended
only to specify electrical characteristics for a packaged device.
All die are 100% functional with various parametrics tested at the
wafer level, at room temperature only (25
°C), and are guaranteed to
be 100% functional as a result of electrical testing to the point of
wafer sawing only. Although the most modern processes are
utilized for wafer sawing and die pick and place into waffle pack
carriers, it is impossible to guarantee 100% functionality through this
process. There is no post waffle pack testing performed on
individual die.
Since Philips Semiconductors has no control of third party
procedures in the handling or packaging of die, Philips
Semiconductors assumes no liability for device functionality or
performance of the die or systems on any die sales.
Although Philips Semiconductors typically realizes a yield of 85%
after assembling die into their respective packages, with care
customers should achieve a similar yield. However, for the reasons
stated above, Philips Semiconductors cannot guarantee this or any
other yield on any die sales.


Similar Part No. - SA5222D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
   Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5223D PHILIPS-SA5223D Datasheet
136Kb / 12P
   Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
SA5224 PHILIPS-SA5224 Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
SA5224D PHILIPS-SA5224D Datasheet
73Kb / 10P
   FDDI fiber optic postamplifier
1998 Oct 07
SA5225 PHILIPS-SA5225 Datasheet
81Kb / 10P
   Fiber optic postamplifier
1998 Oct 07
More results

Similar Description - SA5222D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
logo
Texas Instruments
OPA381 TI1-OPA381 Datasheet
997Kb / 24P
[Old version datasheet]   Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA2381 BURR-BROWN-OPA2381 Datasheet
489Kb / 19P
   Precision, Low Power, 18MHz Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657 Datasheet
433Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
Rev 2; 2/04
MAX3970 MAXIM-MAX3970 Datasheet
486Kb / 10P
   10Gbps, 3.3V Low-Power Transimpedance Amplifier with RSSI
Rev 2; 1/02
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
M/A-COM Technology Solu...
02015-DSH-001-G MA-COM-02015-DSH-001-G Datasheet
382Kb / 21P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com