Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T198C256K008ASC-0100 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T198C256K008ASC-0100
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T198C256K008ASC-0100 Datasheet(HTML) 5 Page - Kemet Corporation

  T198C256K008ASC-0100 Datasheet HTML 1Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 2Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 3Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 4Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 5Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 6Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 7Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 8Page - Kemet Corporation T198C256K008ASC-0100 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
Performance Characteristics
4. Capacitors show no visible mechanical damage
or leakage of electrolyte.
11. Reverse Voltage
When subjected to a DC potential of 3 volts,
applied in the reverse polarity direction for 125 hours ±
10 hours, capacitors shall meet the following require-
ments.
- DC Leakage: shall not exceed 1.25 times initial
limit
- Capacitance: shall be within stated tolerance
(K- ±10%, M- ±20%, J- ±5%)
- Dissipation Factor: shall not exceed initial limit
12. Equivalent Series Resistance (ESR)
Equivalent Series Resistance (ESR) is the pre-
ferred high-frequency statement of the resistance
unavoidably appearing in these capacitors. ESR
decreases with increasing frequency. Typical ESR lim-
its are established in each specific product series.
However, the ESR limits provided are for reference
only, and are not necessarily the actual value that a
particular Series product will attain.
Total impedance of the capacitor is the vector sum
of capacitive reactance (Xc) and ESR, below reso-
nance; above resonance total impedance is the vector
sum of inductive reactance (XL) and ESR. See Figure 4.
To understand the many elements of a capacitor, see
Figure 5.
Figure 5. The Real Capacitor
A capacitor is a complex impedance consisting of
many series and parallel elements, each adding to the
complexity of the measurement system.
ESL – Represents lead wire and construction
inductance. In most instances (especially in
tantalum and monolithic ceramic capacitors) it is
insignificant at the basic measurement frequen-
cies of 120 and 1000 Hz.
ESR – Represents the actual ohmic series resist-
ance in series with the capacitance. Lead wires
and capacitor electrodes are contributing sources.
RL – Capacitor Leakage Resistance. Typically it
can reach 50,000 megohms in a tantalum capaci-
tor. It can exceed 1012 ohms in monolithic ceram-
ics and in film capacitors.
Rd – The dielectric loss contributed by dielectric
absorption and molecular polarization. It becomes
very significant in high frequency measurements
and applications. Its value varies with frequency.
Cd – The inherent dielectric absorption of the
solid tantalum capacitor which typically equates to
1-2% of the applied voltage.
As frequency increases, Xc continues to decrease
according to its equation above. There is unavoidable
inductance as well as resistance in all capacitors, and
at some point in frequency, the reactance ceases to be
capacitive and becomes inductive. This frequency is
called the self-resonant point. In wet tantalum capaci-
tors, the resonance is damped by the ESR, and a
smooth, rather than abrupt, transition from capacitive to
inductive reactance (XL = 2
πfL) follows.
Despite the fact that the reactance is nearly all
inductive above the self-resonance, these capacitors
find use as decoupling devices up to 10MHz.
ESR and Z are also affected by temperature. At
100 kHz, ESR decreases with increasing temperature.
The amount of change is influenced by the size of the
capacitance and is generally more pronounced on
smaller ratings.
5
2
πfC
1ohm
Xc=
where:
f = frequency, Hertz
C = capacitance, Farad
Figure 4a: Total Impedance of the Capacitor Below Resonance
X
L = 2
πfL
where:
f = frequency, Hertz
C = capacitance, Farad
Figure 4b: Total Impedance of the Capacitor Above Resonance


Similar Part No. - T198C256K008ASC-0100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T1989N ETC-T1989N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
More results

Similar Description - T198C256K008ASC-0100

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com