Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T192A256M008ASC-0200 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T192A256M008ASC-0200
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T192A256M008ASC-0200 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T192A256M008ASC-0200 Datasheet HTML 6Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 7Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 8Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 9Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 10Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 11Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 12Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 13Page - Kemet Corporation T192A256M008ASC-0200 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
• Operating Temperature -55°C – +125°C
• Qualified to Mil-C-39006/22/25/30/31
• Operating Temperature -55°C – +200°C,
Style CLR79, CLR81, CLR90, CLR91
derated voltage, T197/T198 Series Only
• Capacitance Tolerance - ±5%, ±10%, ±20%
• 6 – 125 Volts
• Low ESR
• Capacitance Range – 1.7μF - 2200.0 μF
• Tantalum Case
• High Shock, High Vibration Qualified
Dimensions - Inches (Millimeters)
Outline Drawing
Features
• Filtering, Bypass Circuits
• Low Source Impedance Circuits
• Coupling and Timing Circuits
• High Charging Current Circuits
Applications
MIL-PRF-
Uninsulated Case
Uninsulated Case
Insulated Case
KEMET
39006/22/
L*
D
D
E
Case
25/30/31
+0.031(0.79)
±0.016(0.41)
Max.
±0.25(6.35)
Size
Case Size
-0.016(0.41)
A
T1
0.453(11.51)
0.188(4.78)
0.219(5.56)
1.50(38.10)
B
T2
0.641(16.28)
0.281(7.14)
0.312(7.92)
2.25(57.15)
C
T3
0.766(19.46)
0.375(9.52)
0.406(10.31)
2.25(57.15)
D
T4
1.062(26.97)
0.375(9.52)
0.406(10.31)
2.25(57.15)
10
* Length of base case sleeving shall be specified in MIL-PRF-39006.


Similar Part No. - T192A256M008ASC-0200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T1922240121-009 TEC-T1922240121-009 Datasheet
883Kb / 2P
   H24BPR-TGHC-PG/M-EMC-C
T1922240125-009 TEC-T1922240125-009 Datasheet
883Kb / 2P
   H24BPR-TGHC-PG/M-EMC-C
T1922240129-009 TEC-T1922240129-009 Datasheet
883Kb / 2P
   H24BPR-TGHC-PG/M-EMC-C
T1922240132-009 TEC-T1922240132-009 Datasheet
883Kb / 2P
   H24BPR-TGHC-PG/M-EMC-C
T1922240136-009 TEC-T1922240136-009 Datasheet
883Kb / 2P
   H24BPR-TGHC-PG/M-EMC-C
More results

Similar Description - T192A256M008ASC-0200

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com