Part Name
         Description
550-XX04

 5mm LED CBI Circuit Board Indicator Top View, Single ( 9 Page)


DIALIGHT
100% 
Zoom Out Zoom In
   
 6 page
background image
6-47
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm Discrete LED
Super Bright, Water Clear
Non-Tinted, Non-Diffused
521-9464,-9465,-9466
8.81 [.347]
4.83
[.190]
25.35 [.998]
MIN
1.27
[.050]
TYP
2.54
[.100]
.46
[.018] SQ.
CATHODE
5.84
[.230]
1.0
[.040]
MAX
PART NO.
COLOR
521-9464
Red
521-9465
Green
521-9466
Yellow
Red
Green
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9464
-9465
-9466
Power Dissipation (mW)
135
135
85
Derating (mW/°C) From 25°C 1. From 50 °C
1.8
1.8
1.61
Forward Current (mA)
30
30
20
Peak Current (mA)
500
500
500
Pulse width = 10 µs
Operating Temperature (°C)
-55/+100
-20/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260 °C, 5 seconds, 1.6 mm from case
Red
Green
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9464
-9465
-9466
Luminous Intensity (mcd)
Min.
80
80
80
IF=20mA
Typical
125
120
140
Peak Wavelength (nm)
Typical
635
565
583
λ Peak
Viewing Angle (2
Θ ½)
Typical
24°
24°
24°
Forward Voltage (V)
Typical
2.2
2.3
2.2
IF=20mA
Max.
3
3
3
Reverse Voltage (V), IR=100µA
Min.
5
5
5
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004
located on page 6-48
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WP7113BR9.52-GDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR9.52-IDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR9.52-SGDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR9.52-SRDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR9.52-YDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR5.08-GDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR5.08-IDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR5.08-SGDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR5.08-SRDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation
WP7113BR5.08-YDT-1 3/4 5mm VARIABLE HEIGHT LED BOARD INDICATOR 1 2 3 4 Kingbright Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl