Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C103K5RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C103K5RAC
Description  Ceramic Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C103K5RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C103K5RAC Datasheet HTML 1Page - Kemet Corporation C1206C103K5RAC Datasheet HTML 2Page - Kemet Corporation C1206C103K5RAC Datasheet HTML 3Page - Kemet Corporation C1206C103K5RAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design a KEMET Ceramic Capacitor into
Your Next Project . . . .
KEMET currently offers seven distinct Ceramic Engineering Kits which are designed to provide active solutions
to the passive component requirements characterized in professional OEM engineering design, prototyping,
university lab research, and by hobbyist users. Each kit contains a selection of popular capacitor values and a
KEMET catalog which outlines drawings, dimensions, marking format, recommended mounting pad dimen-
sions, and ordering information.
Our current ceramic engineering kit offering includes the following categories:
CER ENG KIT 03 - 0603 Case Size SMT Capacitors
CER ENG KIT 04 - 0805 Case Size SMT Capacitors
CER ENG KIT 05 - 1206 Case Size SMT Capacitors
CER ENG KIT 06 - 0402 Case Size SMT Capacitors
NEW
CER ENG KIT 07 - High Capacitance Value SMT Capacitors
NEW
CER ENG KIT 08 - High Voltage Capacitors (Includes both SMT and leaded components)
NEW
CER ENG KIT 09 - Open Mode/Fail Safe SMT Capacitors
Each of our Ceramic Engineering Kits contains an assortment of 10-20 popular capacitor values. Quantities of
each part type will range from 20 to 100pcs based upon kit type. Each part type will be provided either in bulk
or by carrier tape and will be clearly labeled with a KEMET ordering code for ease of identification. Please refer
to the appended tables for a complete listing of part types and quantities offered with each of our engineering
kits.
Experience the quality and performance of KEMET ceramic capacitors. Order one of KEMET’s Ceramic
Engineering Kits and see for yourself how well our quality components perform in even the most challenging
applications.
F3218G 6/06
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC • (864) 963-6300 • www.kemet.com


Similar Part No. - C1206C103K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C103K5RAC KEMET-C1206C103K5RAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1206C103K5RAC KEMET-C1206C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
logo
Texas Instruments
C1206C103K5RAC TI1-C1206C103K5RAC Datasheet
238Kb / 13P
[Old version datasheet]   SM74304 High Voltage (80V) Step Down Switching Regulator
logo
Burr-Brown (TI)
C1206C103K5RAC BURR-BROWN-C1206C103K5RAC Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Kemet Corporation
C1206C103K5RACAUTO KEMET-C1206C103K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C1206C103K5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
   Capacitor, ceramic
C317C160J5G5TA KEMET-C317C160J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
HT05CN471JN KEMET-HT05CN471JN Datasheet
52Kb / 1P
   Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com