Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C106K4PAC Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1206C106K4PAC
Description  Ceramic Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C106K4PAC Datasheet(HTML) 4 Page - Kemet Corporation

  C1206C106K4PAC Datasheet HTML 1Page - Kemet Corporation C1206C106K4PAC Datasheet HTML 2Page - Kemet Corporation C1206C106K4PAC Datasheet HTML 3Page - Kemet Corporation C1206C106K4PAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KEMET Part
Number
EIA Size
Code
Capacitance
μF
Tolerance Voltage Dielectric
C0402C104K4RAC
0402
0.1
±10%
16
X7R
C0402C105K9PAC
0402
1.0
±10%
6.3
X5R
C0603C103K2RAC
0603
0.01
±10%
200
X7R
C0603C104K5RAC
0603
0.1
±10%
50
X7R
C0603C105K4PAC
0603
1.0
±10%
16
X5R
C0603C225K9PAC
0603
2.2
±10%
6.3
X5R
C0603C475K9PAC
0603
4.7
±10%
6.3
X5R
C0805C124K1RAC
0805
0.12
±10%
100
X7R
C0805C224K5RAC
0805
0.22
±10%
50
X7R
C0805C225K4RAC
0805
2.2
±10%
16
X7R
C0805C475K4PAC
0805
4.7
±10%
16
X5R
C0805C106K9PAC
0805
10.0
±10%
6.3
X5R
C1206C684K5RAC
1206
0.68
±10%
50
X7R
C1206C105K3RAC
1206
1.0
±10%
25
X7R
C1206C475K3PAC
1206
4.7
±10%
25
X5R
C1206C106K8RAC
1206
10.0
±10%
10
X7R
C1206C106K4PAC
1206
10.0
±10%
16
X5R
C1206C226K9PAC
1206
22.0
±10%
6.3
X5R
C1210C226K4PAC
1210
22.0
±10%
16
X5R
C1210C476M9PAC
1210
47.0
±20%
6.3
X5R
Kit Part Number: CER ENG KIT 07
High Capacitance Value SMT Capacitors - 20 pcs. per Part Number
KEMET Part
Number
EIA Size
Code
Termination
Profile
Capacitance
pF
Tolerance Voltage Dielectric
C330C102KGR5TA
Refer to
F3101
Catalog
for case
size
dimensions.
Leaded
1000
±10%
2000
X7R
C330C102JHR5TA
Leaded
1000
±5%
3000
X7R
C330C102JDG5TA
Leaded
1000
±5%
1000
C0G
C330C101JHG5TA
Leaded
100
±5%
3000
C0G
C322C473KCR5TA
Leaded
47000
±10%
500
X7R
C322C103JDR5TA
Leaded
10000
±5%
1000
X7R
C322C102KFR5TA
Leaded
1000
±10%
1500
X7R
C322C101JCG5TA
Leaded
100
±5%
500
C0G
C322C471JDG5TA
Leaded
470
±5%
1000
C0G
C0805C101JCGAC
0805
SMT
100
±5%
500
C0G
C1206C472KCRAC
1206
SMT
4700
±10%
500
X7R
C1206C103KCRAC
1206
SMT
10000
±10%
500
X7R
C1206C471JFRAC
1206
SMT
470
±5%
1500
X7R
C1206C331KCGAC
1206
SMT
330
±10%
500
C0G
C1210C103JDRAC
1210
SMT
10000
±5%
1000
X7R
C1808C102KGRAC
1808
SMT
1000
±10%
2000
X7R
C1812C103KCRAC
1812
SMT
10000
±10%
500
X7R
C1812C473KCRAC
1812
SMT
47000
±10%
500
X7R
C1812C102KGRAC
1812
SMT
1000
±10%
2000
X7R
C2225C104KCRAC
2225
SMT
100000
±10%
500
X7R
Kit Part Number: CER ENG KIT 08
High Voltage Capacitors - 20 pcs. per Part Number
Kit Part Number: CER ENG KIT 09
Open Mode/Fail Safe SMT Capacitors - 20 pcs. per Part Number
KEMET Part
Number
EIA Size
Code
Capacitance
μF
Tolerance Voltage Dielectric
C0805F103K5RAC
0805
0.01
±10%
50
X7R
C0805F223K1RAC
0805
0.022
±10%
100
X7R
C0805F473K5RAC
0805
0.047
±10%
50
X7R
C0805F104K5RAC
0805
0.10
±10%
50
X7R
C0805F224K5RAC
0805
0.22
±10%
50
X7R
C0805F474K3RAC
0805
0.47
±10%
25
X7R
C1206F104K1RAC
1206
0.10
±10%
100
X7R
C1206F224K5RAC
1206
0.22
±10%
50
X7R
C1206F105K5RAC
1206
1.0
±10%
50
X7R
C1210F105K5RAC
1206
1.0
±10%
50
X7R
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC • (864) 963-6300 • www.kemet.com


Similar Part No. - C1206C106K4PAC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C1206C106K4PAC ONSEMI-C1206C106K4PAC Datasheet
1Mb / 44P
   Complete Connected LED Driver Power Solution
June, 2021 - Rev. 1
logo
Kemet Corporation
C1206C106K4PACTU KEMET-C1206C106K4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 16 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1206C106K4PAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
   Capacitor, ceramic
C317C160J5G5TA KEMET-C317C160J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
HT05CN471JN KEMET-HT05CN471JN Datasheet
52Kb / 1P
   Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com