Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-3004 Datasheet(PDF) 5 Page - Dialight Corporation

Part # 550-3004
Description  5mm LED CBI Circuit Board Indicator Top View, Single
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-3004 Datasheet(HTML) 5 Page - Dialight Corporation

  550-3004 Datasheet HTML 1Page - Dialight Corporation 550-3004 Datasheet HTML 2Page - Dialight Corporation 550-3004 Datasheet HTML 3Page - Dialight Corporation 550-3004 Datasheet HTML 4Page - Dialight Corporation 550-3004 Datasheet HTML 5Page - Dialight Corporation 550-3004 Datasheet HTML 6Page - Dialight Corporation 550-3004 Datasheet HTML 7Page - Dialight Corporation 550-3004 Datasheet HTML 8Page - Dialight Corporation 550-3004 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6-46
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
5mm Discrete LED
Bi-Color
Non-Tinted, Diffused
521-9651, -9724
5.00
[.197]
8.64[.340]
22.1 [.87]
MIN.
0.51
[.020]
CATHODE
GREEN,
RED/GREEN
BI-COLOR
521-9651
CATHODE
YELLOW,
YELLOW/GREEN
BI-COLOR
521-9724
1.00
[.04]
5.59
[.220]
2.54
[.100]
1.50
[.059]
MAX
PART NO.
LED COLOR
521-9651
Red/Green
521-9724
Yellow/Green
Red/Green
Yellow/Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-
9651
-9724
Power Dissipation (mW)
100/100
60/100
Forward Current (mA)
40/30
20/30
Derating (mA/°C) From 50°C
.5/.4
.25/.40
Peak Current (mA)
200/120
80/120
Pulse width = 100 µs
Operating Temperature (°C)
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red/Green
Yellow/Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9651
-9724
Luminous Intensity (mcd)
Min.
29/12.6
2.5/2.5
IF=20mA
Typical
90/40
8.7/8.7
Peak Wavelength (nm)
Typical
660/565
585/565
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
50°
Forward Voltage (V)
Typical
1.8/2.1
2.1/2.1
IF=20mA
Max.
2.4/2.8
2.8/2.8
Dimensions in mm [inches]
MOUNTING CLIP: 515-0005
located on page 6-48
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 550-3004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3004 DIALIGHT-550-3004 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
More results

Similar Description - 550-3004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
550-0204 DIALIGHT-550-0204 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com