Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C103JARAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1812C103JARAC
Description  Surface Mount Tip & Ring Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C103JARAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1812C103JARAC Datasheet HTML 1Page - Kemet Corporation C1812C103JARAC Datasheet HTML 2Page - Kemet Corporation C1812C103JARAC Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
Marking
These chips are supplied unmarked. If required, they can be laser-marked as an extra cost option. Details on the
marking format are included in KEMET Surface Mount Catalog F3102 on page 96.
Soldering Process
The 0805 and 1206 sizes are suitable for either reflow or wave soldering. Sizes 1210 and larger should be limited
to reflow soldering only. All sizes incorporate the standard KEMET barrier layer of pure nickel with an overplating
of pure tin for excellent solderability and resistance to leaching of the termination.
Packaging
KEMET High Voltage Surface Mount MLCC capacitors are available packaged in tape and reel configuration.
C
0805
C
103
K
A
R
A
C
Style
C - Ceramic
Size Code
0805, 1206, 1210, 1812, 1825, 2220, 2225
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
Capacitance Tolerance
J = ±5%, K = ±10%, M = ±20%
Voltage
A = 250V
Temperature Characteristic
Designated by Capacitance
Change over Temperature Range
R – X7R (±15%) (-55°C +125°C)
End Metallization
C = 100% Sn Std.
Failure Rate Level
A = Not Applicable
Capacitor Ordering Information
EIA Case Sizes
0805, 1206, 1210, 1812, 1825, 2220, 2225
Capacitance Range
0.001μF to 1.2μF
Test Parameters
Capacitance and Dissipation Factor measured at 1.0 ± 0.2 Vrms and 1.0 ± 0.2 kHz
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
-55°C to +125°C X7R: ±15% (0% VDC)
Capacitance Tolerances
J = ±5%, K = ±10%, M = ±20%
Dissipation Factor
≤2.5%
Aging Rate
2.5% per decade hour
Voltage Rating
250 VDC
25°C IR @ Rated Voltage
1000M
Ω−μF or 100GΩ, whichever is less
Dielectric Strength (DMV)
250% of Rated Voltage 5 ± 1 seconds and charge/discharge not exceeding 50mA
General Performance Characteristics & Electrical Parameters 250 VDC
Chip Size
T - Total Length
S - Separation
W - Pad Width
L - Pad Length
mm
in.
mm
in.
mm
in.
mm
in.
0805
3.30
0.130
0.70
0.028
1.60
0.063
1.30
0.051
1206
4.50
0.177
1.50
0.059
2.00
0.079
1.50
0.059
1210
4.50
0.177
1.50
0.059
2.90
0.114
1.50
0.059
1812
5.90
0.232
2.30
0.091
3.70
0.146
1.80
0.071
1825
5.90
0.232
2.30
0.091
6.90
0.272
1.80
0.071
2220
7.00
0.276
3.30
0.130
5.50
0.217
1.85
0.073
2225
7.00
0.276
3.30
0.130
6.80
0.268
1.85
0.073
Recommended Solder Pad Dimensions


Similar Part No. - C1812C103JARAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C103J1GAC KEMET-C1812C103J1GAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1812C103J1GACTU KEMET-C1812C103J1GACTU Datasheet
71Kb / 1P
   Ceramic, SMD Comm C0G, 0.01 uF, 5%, 100 V, 1812, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1812C103J1RAC KEMET-C1812C103J1RAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1812C103J1UAC KEMET-C1812C103J1UAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1812C103J1VAC KEMET-C1812C103J1VAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
More results

Similar Description - C1812C103JARAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com