Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC2518-T150MK Datasheet(PDF) 10 Page - Kemet Corporation

Part # LBC2518-T150MK
Description  Surface Mount Ferrite Products
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LBC2518-T150MK Datasheet(HTML) 10 Page - Kemet Corporation

Back Button LBC2518-T150MK Datasheet HTML 6Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 7Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 8Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 9Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 10Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 11Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 12Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 13Page - Kemet Corporation LBC2518-T150MK Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
10
1007 Case Size High Current Type (CBC 2518 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current
(mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CBC2518T1R0M-K
1.0
±20%
100
0.08
1000
1200
7.96
2,000
CBC2518T2R2M-K
2.2
±20%
68
0.13
890
1100
7.96
2,000
CBC2518T4R7M-K
4.7
±20%
41
0.20
680
920
7.96
2,000
CBC2518T100M-K
10
±20%
30
0.36
480
680
2.52
2,000
CBC2518T220M-K
22
±20%
19
0.77
320
460
2.52
2,000
CBC2518T470M-K
47
±20%
12
1.90
240
290
2.52
2,000
CBC2518T101M-K
100
±20%
9
3.7
160
170
0.796
2,000
CBC2518T221M-K
220
±20%
5.5
8.4
115
110
0.796
2,000
CBC2518T471M-K
470
±20%
3.5
22
80
70
0.796
2,000
CBC2518T681M-K
680
±20%
3
28
65
60
0.796
2,000
1210 Case Size High Current Type (CBC 3225 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self
Resonant Frequency
(MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current
(mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CBC3225T1R0MRK
1.0
±20%
250
0.055
2000
1440
0.1
1,000
CBC3225T1R5MRK
1.5
±20%
220
0.06
2000
1310
0.1
1,000
CBC3225T2R2MRK
2.2
±20%
190
0.08
2000
1130
0.1
1,000
CBC3225T3R3MRK
3.3
±20%
160
0.095
1800
1040
0.1
1,000
CBC3225T4R7MRK
4.7
±20%
70
0.1
1250
1010
0.1
1,000
CBC3225T6R8MRK
6.8
±20%
50
0.12
930
940
0.1
1,000
CBC3225T100(_)RK
10
K=±10%, M=±20%
23
0.133
900
900
0.1
1,000
CBC3225T150(_)RK
15
K=±10%, M=±20%
20
0.195
730
850
0.1
1,000
CBC3225T220(_)RK
22
K=±10%, M=±20%
17
0.27
620
780
0.1
1,000
CBC3225T330(_)RK
33
K=±10%, M=±20%
13
0.41
500
570
0.1
1,000
CBC3225T470(_)RK
47
K=±10%, M=±20%
10
0.67
390
480
0.1
1,000
CBC3225T680(_)RK
68
K=±10%, M=±20%
8
1
320
410
0.1
1,000
CBC3225T101(_)RK
100
K=±10%, M=±20%
6
1.4
270
340
0.1
1,000
(_) - Insert Inductance Tolerance Code (K or M)
*For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table.
*For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter.
In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before
practical application.
Rated current (1):Current value to guarantee -30% of nominal inductance (at 20ºC)
Rated current (2):Current value to guarantee component temperature within AT = 40°C with current flow. (It's not the current to guarantee the inductance value)
(_) - Insert Inductance Tolerance Code (K or M)
0603 Case Size Power, Bottom Surface Electrode Type (CBMF 1608 Series)
Ordering Code
Inductance
(μH)
Inductance Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA) Measuring
Frequency
(MHz)
Tape & Reel
Packaging
Quantity
12
CBMF1608T1R0MK
1.0
±20%
100
0.09
290
770
7.96
2,000
CBMF1608T2R2MK
2.2
±20%
80
0.17
190
560
7.96
2,000
CBMF1608T4R7MK
4.7
±20%
45
0.24
145
470
7.96
2,000
CBMF1608T100(_)K
10.0
K = 10%, M = 20%
32
0.36
115
380
2.52
2,000
CBMF1608T220(_)K
22
K = 10%, M = 20%
16
1.00
70
230
2.52
2,000
CBMF1608T470(_)K
47
K = 10%, M = 20%
11
2.5
50
140
2.52
2,000
0805 Case Size Low Profile Type (CBL 2012 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum Self Resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω) (±30%)
Maximum Rated Current (mA)
Measuring
Frequency
(MHz)
Tape & Reel
Packaging Quantity
12
CBL2012T4R7M-K
4.7
±20%
45
0.66
275
490
0.10
4,000
CBL2012T100M-K
10
±20%
32
1.00
205
370
0.10
4,000
CBL2012T470M-K
47
±20%
11
4.20
100
140
0.10
4,000


Similar Part No. - LBC2518-T150MK

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
LBC2518 MPS-LBC2518 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
logo
Taiyo Yuden (U.S.A.), I...
LBC2518 TAIYO-YUDEN-LBC2518 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LBC2518T100 TAIYO-YUDEN-LBC2518T100 Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LBC2518T100 TAIYO-YUDEN-LBC2518T100 Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LBC2518T100 TAIYO-YUDEN-LBC2518T100 Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
More results

Similar Description - LBC2518-T150MK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Littelfuse
V26SM20 LITTELFUSE-V26SM20 Datasheet
377Kb / 4P
   Varistor Products - Surface Mount Varistors
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
AVX Corporation
06034D475KAT2A AVX-06034D475KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
12101C474KAT2A AVX-12101C474KAT2A Datasheet
2Mb / 99P
   AVX Surface Mount Ceramic Capacitor Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com