Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495C107K010ATS4095 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495C107K010ATS4095
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495C107K010ATS4095 Datasheet(HTML) 1 Page - Kemet Corporation

  T495C107K010ATS4095 Datasheet HTML 1Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 2Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 3Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 4Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 5Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 6Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 7Page - Kemet Corporation T495C107K010ATS4095 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
31
SOLID TANTALUM CHIP CAPACITORS
T495 SERIES—Low ESR, Surge Robust
OUTLINE DRAWING
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
FEATURES
New Extended Values for Low ESR
Low Equivalent Series Inductance ( 2.5nH ESL)
Precision-molded, laser-marked case
Symmetrical, compliant terminations
Taped and reeled per EIA 481-1
RoHS Compliant & Leadfree Terminations (see
www.kemet.com for lead transition)
STANDARD T495 DIMENSIONS
Millimeters (Inches)
Notes: 1. Metric dimensions govern.
2. (Ref) - Dimensions provided for reference only.
3. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch.
CASE SIZE
COMPONENT
KEMET
T
EIA
3528-12
L
3.5
± 0.2
(.138
± .008)
W
2.8
± 0.2
(.110
± .008)
H Max.
1.2
(.047)
0.3
(.012)
K Min.
2.2
(.087)
F
± 0.1
0.8
(.031)
S
± 0.3
0.05
(.002)
X
(Ref
T
(Ref)
0.13
(.005)
A
(Min)
2.1
(.083)
G
(Ref)
1.8
(.071)
E
(Ref)
2.2
(.087)
V
7343-20
7.3
± 0.3
(.287
± .012)
4.3
± 0.3
(.169
± .012)
2.0
(0.079)
0.9
(.035)
2.4
(.094)
1.3
(.051)
0.05
(.002)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
LOW PROFILE T495 DIMENSIONS
Millimeters (Inches)
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Designed for very low ESR
High ripple current capability
High surge current capability
100% accelerated steady-state aging
100% Surge Current test
Meets or Exceeds EIA Standard 535BAAC
Available tested per DSCC Dwg. 95158
Operating Temperature: -55˚C to +125˚C
Capacitance Tolerance
M = ±20%, K = ±10%
Series
T495 - Low ESR, Surge Robust
Lead Material
T = 100% Tin (Sn) Plated
H =
G =
S = Not Recommended for new design
Case Size
B, C, D, T, V, X
Capacitance Picofarad Code
First two digits represent significant figures. Third digit
specifies number of zeros to follow.
Tantalum
T
495
X
107
M
010
A
S
E100
ESR
E100 = ESR in Milliohmns = 100 mOhms
E1K5 = ESR in Ohms = 1.5 Ohms
4095 = DSCC Dwg. 95158 Designator
Failure Rate
A = Not Applicable
Voltage
See www.kemet.com for Pb Free transition information.
T495 Series – ORDERING INFORMATION
KEMET
EIA
B
3528-21
3.5
08)
Notes: 1. Metric dimensions govern.
2. (Ref) - Dimensions provided for reference only.
Tin/Lead (SnPb 5% Pb minimum)
KEMET
EIA
A
3216-18
3.2 ± 0.2
(.126 ± .008)
1.6 ± 0.2
(.063 ± .008)
1.6 ± 0.2
(.063 ± .008)
0.9
(.035)
1.2
(.047)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.4
(.016)
0.4
(.016)
0.13
(.005)
1.4
(.055)
1.1
(.043)
1.3
(.051)
B
3528-21
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.9 ± 0.1
(.075 ± .008)
1.1
(.043)
2.2
(.087)
0.8
(.031)
0.4
(.016)
0.10 ± 0.10
(.004 ± .004)
0.5
(.020)
1.0
(.039)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
C
6032-28
6.0 ± 0.3
(.236 ± .012)
3.2 ± 0.3
(.126 ± .12)
2.5 ± 0.3
.098 ± .012)
1.4
(.055)
2.2
(.087)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.0235)
1.0
(.039)
0.13
(.005)
3.1
(.122)
2.8
(.110)
2.4
(.094)
D
7343-31
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.8 ± 0.3
(.110 ± .012)
1.5
(.059)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.0235)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
X
7343-43
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
4.0 ± 0.3
(.157 ± .012)
2.3
(.091)
2.4
(.094)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
1.7
(.067)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
E
7260-38
7.3 ± 0.3
(.287 ± .012)
6.0 ± 0.3
(.236± .012)
3.6 ± 0.2
(.142 ± .008)
2.3
(.091)
4.1
(.161)
1.3
(.051)
0.5
(.020)
0.10 ± 0.10
(.004 ± .004)
0.9
(.035)
1.0
(.039)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
T (Ref)
Case Size
LW
H
A (Min)
G (Ref)
E (Ref)
K ±0.20
F ±0.1
S ±0.3
X (Ref)
B ±0.15
(Ref) ±(.006)
P (Ref)
R (Ref)
A,B,C,D,X,E,T,V
H = Tin/Lead (SnPb % PB min)
G = Gold Plated
*Pb-free supply is not guaranteed with
the ‘S’ termination code.
This termination code not available
effective 15 July 2007.


Similar Part No. - T495C107K010ATS4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C107K010AT4095 KEMET-T495C107K010AT4095 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495C107K010ATE045 KEMET-T495C107K010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K010ATE0457280 KEMET-T495C107K010ATE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107K010ATE100 KEMET-T495C107K010ATE100 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495C107K010ATE150 KEMET-T495C107K010ATE150 Datasheet
260Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 10 VDC, SMD, MnO2, Molded, Low ESR, 150 mOhms, 6032, Height Max = 2.8mm
More results

Similar Description - T495C107K010ATS4095

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T495D476K010ATE200 KEMET-T495D476K010ATE200 Datasheet
727Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com