Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-5704 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 550-5704
Description  5mm LED CBI Circuit Board Indicator Top View, Single
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-5704 Datasheet(HTML) 1 Page - Dialight Corporation

  550-5704 Datasheet HTML 1Page - Dialight Corporation 550-5704 Datasheet HTML 2Page - Dialight Corporation 550-5704 Datasheet HTML 3Page - Dialight Corporation 550-5704 Datasheet HTML 4Page - Dialight Corporation 550-5704 Datasheet HTML 5Page - Dialight Corporation 550-5704 Datasheet HTML 6Page - Dialight Corporation 550-5704 Datasheet HTML 7Page - Dialight Corporation 550-5704 Datasheet HTML 8Page - Dialight Corporation 550-5704 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
6-9
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm
LED CBI
® Circuit Board Indicator
Top View, Single
550-xx04
B
2.54
[.100]
RECOMMENDED
P.C. HOLE
PATTERN
2.54
[.100]
2.54
[.100]
6.10
[.240]
6.10
[.240]
2.54
[.100]
5.84
[.230]
3.68
[.145]
A
CATHODE
Red Cathode for
Red/Green Bi-Color
Yellow Cathode for
Yellow/Green Bi-Color
CATHODE
2.54
[.100]
3.43 [.135] for -0204 to -0404, 5.0 [.197] for all others
.635 [.025] for -0504 to -0704, .508 [.020] for all others
Hole diameter: 1.22 [.048] for .635 [.025], 1.02 [.040] for all others
A
B
PART NO.
COLOR
GENERAL PURPOSE
550-0204
Green
550-0304
Yellow
550-0404
Red
INTEGRAL RESISTOR
550-0504
Red, 5V
550-0704
Green, 5V
550-0804
Yellow, 5V
LOW CURRENT
550-1104
Red
550-1204
Yellow
550-1304
Green
HIGH EFFICIENCY
550-2204
Green
550-2304
Yellow
550-2404
Red
550-2504
Orange
BI-COLOR
550-3004
Red/Green
550-3104
Yellow/Green
SUPER BRIGHT, DIFFUSED
550-5104
Red
550-5204
Green
550-5304
Yellow
SUPER BRIGHT, WATER CLEAR
(Non-tinted, Non-diffused)
550-5504
Red
550-5604
Green
550-5704
Yellow
Features
• Multiple CBIs form horizontal LED arrays on 6.35mm
(0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.160 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with:
550-xx04-004 quad block
Custom
• For custom LEDs contact factory.
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
5 5 0
x x 0 4
0 1 0
Reverse Polarity Option
1) Cathode Opposite Side
of notch
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Standard Polarity shown in drawing: Cathode same side as notch
Series
To order any of the 550-xx04 part numbers with Reverse
Polarity (Cathode opposite side of notch), please add -010
to the part numbers shown above.
NEW


Similar Part No. - 550-5704

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-5704 DIALIGHT-550-5704 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
More results

Similar Description - 550-5704

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
550-0204 DIALIGHT-550-0204 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com