Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C47312RAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C47312RAC
Description  Surface Mount Ceramic Chip Capacitors Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C47312RAC Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C47312RAC Datasheet HTML 1Page - Kemet Corporation C1206C47312RAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Ceramic Chip Capacitors
Extended Values 1206, X7R Dielectric, 25, 50, 100, 200 Volts
25 Volts – 1.2µF - 1.5 µF
50 Volts – 0.27µF - 0.68µF
100 Volts – 0.27µF - 0.39µF
200 Volts – 27,000pF - 150,000pF
Table 1 - Dimensions - Millimeters
New Product Release
Outline Drawings
F3274A 04/05
EIA
Size Code
Metric Size
Code (Ref)
L#
Length
W#
Width
Thickness
B
Bandwidth
S
Min. Separation
Mounting
Technique
1206*
3216
3.2 (.126) ± 0.2 (.008)
1.6 (.063) ± 0.2 (.008)
See Table 2
0.5 (.02) ± .25 (.010)
N/A
Solder Wave or
Solder Reflow
Cap Values
KEMET Part Number
Capacitance Tolerance Thickness - mm Qty 7” Reel
Qty 13” Reel
1.2µF
C1206C125(1)3RAC
J,K,M
1.60 ± 0.15
2,000
8,000
1.5µF
C1206C155(1)3RAC
J,K,M
1.60 ± 0.15
2,000
8,000
0.27µF
C1206C274(1)5RAC*
J,K,M
.90 ± .10
4,000
10,000
0.33µF
C1206C334(1)5RAC*
J,K,M
.90 ± .10
4,000
10,000
0.39µF
C1206C394(1)5RAC*
J,K,M
.90 ± .10
4,000
10,000
0.47µF
C1206C474(1)5RAC*
J,K,M
.90 ± .10
4,000
10,000
0.56µF
C1206C564(1)5RAC*
J,K,M
.90 ± .10
4,000
10,000
0.68µF
C1206C684(1)5RAC*
J,K,M
1.00 ± 0.10
2,500
10,000
0.27µF
C1206C274(1)1RAC
J,K,M
1.25 ± 0.15
2,500
10,000
0.33µF
C1206C334(1)1RAC
J,K,M
1.60 ± 0.15
2,000
8,000
0.39µF
C1206C394(1)1RAC
J,K,M
1.60 ± 0.15
2,000
8,000
27,000pF
C1206C273(1)2RAC
J,K,M
.78 ± .10
2,500
10,000
33,000pF
C1206C333(1)2RAC
J,K,M
.78 ± .10
2,500
10,000
39,000pF
C1206C393(1)2RAC
J,K,M
.78 ± .10
2,500
10,000
47,000pF
C1206C473(1)2RAC
J,K,M
1.00 ± 0.10
2,500
10,000
56,000pF
C1206C563(1)2RAC
J,K,M
1.00 ± 0.10
2,500
10,000
68,000pF
C1206C683(1)2RAC
J,K,M
1.00 ± 0.10
2,500
10,000
82,000pF
C1206C823(1)2RAC
J,K,M
1.00 ± 0.10
2,500
10,000
100,000pF
C1206C104(1)2RAC
J,K,M
1.25 ± 0.15
2,500
10,000
120,000pF
C1206C124(1)2RAC
J,K,M
1.25 ± 0.15
2,500
10,000
150,000pF
C1206C154(1)2RAC
J,K,M
1.60 ± 0.15
2,000
8,000
Table 2 - Ratings & Part Number Listing
To complete the KEMET part number, insert capacitance tolerance: J - ±5%, K - ±10% or M ±20%.
* X7R Dielectric - Extended Range Values - Cap and DF measured at 0.5 Vrms.


Similar Part No. - C1206C47312RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C473F3GAC KEMET-C1206C473F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C1206C473G1GECTU KEMET-C1206C473G1GECTU Datasheet
61Kb / 1P
   ESD SMD Comm C0G, Ceramic, Electro Static Discharge, 0.047 uF, 2%, 100 VDC, C0G, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class I, 1206
C1206C473G3GAC KEMET-C1206C473G3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C1206C473J1GACAUTO KEMET-C1206C473J1GACAUTO Datasheet
468Kb / 4P
   SMD Auto C0G, Ceramic, 0.047 uF, 5%, 100 VDC, C0G, SMD, MLCC, Ultra- Stable, Low Loss, Automotive Grade, 1206
5/14/2023
C1206C473J1GACTU KEMET-C1206C473J1GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 0.047 uF, 5%, 100 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C1206C47312RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C56413RAC KEMET-C0805C56413RAC Datasheet
36Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0805, X7R Dielectric, 25, 50, 100, 200 Volts
C0603C12311RAC KEMET-C0603C12311RAC Datasheet
35Kb / 2P
   Surface Mount Ceramic Chip Capacitors Extended Values 0603, X7R Dielectric, 100 & 200 Volts
C1210C68513PAC KEMET-C1210C68513PAC Datasheet
21Kb / 2P
   Surface Mount Ceramic Chip Capacitors New Extended Values in X5R Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0805C125K9RAC KEMET-C0805C125K9RAC Datasheet
32Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1206C275K9RAC KEMET-C1206C275K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1210C4755RAC KEMET-C1210C4755RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com