Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0201C120J3GAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0201C120J3GAC
Description  Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C120J3GAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0201C120J3GAC Datasheet HTML 1Page - Kemet Corporation C0201C120J3GAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C 0
201
C
101
J
3
G
A
C
Style
C - Ceramic
Size Code
See dimension table
Specification
C - Standard
Capacitance Code, pF
First two digits represent significant figures.
Third digit specifies number of zeros. 100 pF = 101.
(Use “9” for 1.0 through 9.9 pF)
(Use “8” for 0.1 through .99 pF)
Capacitance Tolerance
D = ± 0.5pF
J = ± 5%
K = ± 10%
M = ±20%
Voltage
3 = 25V
Temperature Characteristic
Designated by Capacitance
Change Over T
G = C0G (0±30 ppm/°C) (-55°C +125°C)
emperature Range
End Metallization
C = Standard (Tin-plate
nickel barrier)
Failure Rate Level
A = Not Applicable
Capacitor Ordering Information
F-9080B 07/06
Electrical Parameters
As detailed in the KEMET Surface Mount Catalog F3102 for C0G, with following specific requirements
based on room temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 30 ppm/°C over that range.
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 10,000 M
Ω, minimum.
Capacitance and Quality Factor (Q) measured at 1 MHz and 0.5 Vrms: DF limit is 0.1%
Q = (< 30 pF: Q
≥ 400 + 20C; > 30pF: Q ≥ 1000)
C = Nominal Capacitance
Soldering Process
These components are suitable for reflow only. All parts incorporate the standard KEMET barrier layer of pure
nickel, with an overplate of pure tin to provide excellent solderability as well as resistance to leaching.
Marking
These chips will be supplied unmarked.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these
capacitors. The information in this bulletin supplements that in the catalog.


Similar Part No. - C0201C120J3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C120J3GACTU KEMET-C0201C120J3GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 12 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0201
More results

Similar Description - C0201C120J3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C103K4PAC KEMET-C0201C103K4PAC Datasheet
140Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - X5R Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C125K8PAC KEMET-C0603C125K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com