Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C103KARAC Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1210C103KARAC
Description  Surface Mount Tip & Ring Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C103KARAC Datasheet(HTML) 3 Page - Kemet Corporation

  C1210C103KARAC Datasheet HTML 1Page - Kemet Corporation C1210C103KARAC Datasheet HTML 2Page - Kemet Corporation C1210C103KARAC Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Table 2 - X7R Dielectric Capacitance Values
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
Thickness Code (mm) & Reeling Quantities
Thickness
Code
Series
Dimension
7" Reel Qty.
13" Reel Qty.
DC
0805
0.78 ± 0.10
4000
10000
EB
1206
0.78 ± 0.10
4000
10000
ED
1206
1.00 ± 0.10
2500
10000
EM
1206
1.25 ± 0.15
2500
10000
FB
1210
0.78 ± 0.10
4000
10000
FC
1210
0.90 ± 0.10
4000
10000
FF
1210
1.10 ± 0.10
2500
10000
FG
1210
1.25 ± 0.10
2500
10000
FH
1210
1.55 ± 0.15
2000
8000
GB
1812
1.00 ± 0.10
1000
4000
GE
1812
1.30 ± 0.15
1000
4000
GF
1812
1.55 ± 0.10
1000
4000
GG
1812
1.50 ± 0.15
1000
4000
GJ
1812
1.70 ± 0.15
1000
4000
HD
1825
1.30 ± 0.15
1000
4000
HF
1825
1.50 ± 0.15
1000
4000
JC
2220
1.10 ± 0.15
1000
4000
JD
2220
1.30 ± 0.15
1000
4000
JF
2220
1.50 ± 0.15
1000
4000
KD
2225
1.30 ± 0.15
1000
4000
KE
2225
1.40 ± 0.15
1000
4000
Cap Code
pF
0805
1206
1210
1812
1825
2220
2225
180
DC
220
DC
270
DC
330
DC
390
DC
470
DC
560
DC
680
DC
820
DC
1,000
DC
EB
1,200
DC
EB
1,500
DC
EB
1,800
DC
EB
2,200
DC
EB
FB
2,700
DC
EB
FB
3,300
DC
EB
FB
3,900
DC
EB
FB
4,700
DC
EB
FB
5,600
DC
EB
FB
6,800
DC
EB
FB
GB
8,200
DC
EB
FB
GB
10,000
DC
EB
FB
GB
12,000
DC
EB
FB
GB
15,000
DC
EB
FB
GB
18,000
DC
EB
FB
GB
22,000
DC
EB
FB
GB
27,000
EB
FB
GB
33,000
EB
FB
GB
39,000
EB
FB
GB
47,000
ED
FC
GB
56,000
ED
FC
GB
68,000
ED
FC
GB
82,000
ED
FF
GB
100,000
EM
FG
GB
120,000
FG
GB
150,000
FG
GE
180,000
FH
GG
220,000
FH
GG
270,000
GG
330,000
GG
390,000
GG
470,000
GJ
HD
JC
KD
560,000
HD
JD
KD
680,000
HD
JD
KD
820,000
HF
JF
KE
1,000,000
HF
JF
KE
1,200,000
KE


Similar Part No. - C1210C103KARAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C103KARACTU KEMET-C1210C103KARACTU Datasheet
71Kb / 1P
   SMD Comm X7R Tip-Ring, Ceramic, 0.01 uF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 1210
More results

Similar Description - C1210C103KARAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F9033 KEMET-F9033 Datasheet
104Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
logo
List of Unclassifed Man...
251S43W474KV4E ETC2-251S43W474KV4E Datasheet
73Kb / 3P
   TIP&RING CHIP CAPACITORS
logo
Johanson Technology Inc...
251S43W474MV4E JOHANSON-251S43W474MV4E Datasheet
74Kb / 3P
   TIP & RING CHIP CAPACITORS
251S41W104 JOHANSON-251S41W104 Datasheet
84Kb / 3P
   TIP RING CHIP CAPACITORS
logo
XFMRS Inc.
XF0356A-2CMC XFMRS-XF0356A-2CMC_15 Datasheet
37Kb / 1P
   SURFACE MOUNT TIP RING FILTER
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
XF0356A-2CMC XFMRS-XF0356A-2CMC Datasheet
37Kb / 1P
   Surface Mount Tip Ring Filter
logo
Coilcraft lnc.
TTTRF2000 COILCRAFT-TTTRF2000 Datasheet
80Kb / 1P
   Surface Mount Tip and Ring Filters
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
   Tip & Ring Capacitors
logo
Coilcraft lnc.
PTRF2000L COILCRAFT-PTRF2000L_16 Datasheet
130Kb / 1P
   Surface Mount Tip and Ring Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com