Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T190B256K008ASC-0200 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T190B256K008ASC-0200
Description  Wet Tantalum General Information
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T190B256K008ASC-0200 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T190B256K008ASC-0200 Datasheet HTML 5Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 6Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 7Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 8Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 9Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 10Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 11Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 12Page - Kemet Corporation T190B256K008ASC-0200 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
Performance Characteristics
Step 3, +25°C
DCL as indicated in original
limit; capacitance within ±5%
of initial value; ESR, DF within
limit ±5% of inital value; ESR,
DF within limit shown in Part
Number Tables.
Step 4, +85°C
DCL shall not exceed 10 times
original DCL limit at 25°C.
Capacitance shall be within
±10% of the initial value. DF
shall be within 125% of limits
shown in Part Number Tables.
ESR shall be within limits shown
in Part Number Tables.
Step 5, +125°C DCL shall not exceed 12.5
times the original limit at 25°C.
Capacitance shall be within
±12% of initial value. DF shall be
within 150% of limits shown in
Part Number Tables. ESR shall
be within limits shown in Part
Number Tables.
Step 6, +25°C
DCL as indicated in original
limit; capacitance within ±5% of
initial value; ESR, DF as indi-
cated in original limit shown in
Part Number Tables.
Note: MIL-PRF-39006 specifies
Δ’s and limits by
individual slash sheet.
AC Ripple Life at 85°C: Per MIL-STD-202,
Method 108:
The following details shall apply:
a. Distance of temperature measurements
from specimens : Not applicable
b. Method of mounting: Normal means
c. Test condition letter: F (2000 hours, +72 hrs, -
Ohm)
d. DC Leakage, DF shall not exceed initial limit
Seal Condition: Per MIL-STD-202,
Method 112
Conditions A or D, and C
18. High Temperature Capacitors - T197
and T198 Series
The voltage derating for these capacitors begins at
+85°C, as with all other tantalum capacitors. There will
be a linear derating between 100% at +85°C and 2/3
(67%) at +125°C. For the 200°C rated parts, the volt-
age rating shall be 50%.
For reverse voltage rating, the 3 VDC shall apply to
all temperatures up to +85°C. From +85°C to +125°C,
the reverse voltage rating shall be 2 VDC. From
+125°C to +200°C, the reverse voltage rating shall be
1.0 VDC.
19.Mounting
Wet tantalum capacitors will pass the Resistance to
Soldering Heat Test of MIL-STD-202, Method 210,
Condition C. This test simulates wave solder of topside
board mount product. This demonstration of resistance
to solder heat is in accordance with what is believed to be
the industry standard. More severe treatment must be
considered reflective of an improper soldering process.
Shown in Figure 7 is a recommended solder wave
profile for wet tantalum capacitors
9
Figure 7. Optimum Solder Wave Profile


Similar Part No. - T190B256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T1900100232-009 TEC-T1900100232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
T1900102232-009 TEC-T1900102232-009 Datasheet
384Kb / 1P
   H10BPR-TS/GH-PG/M-EMC-C
logo
Infineon Technologies A...
T1900N INFINEON-T1900N Datasheet
416Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2021-03-10 Revision: 3.1
logo
eupec GmbH
T1901N EUPEC-T1901N Datasheet
279Kb / 9P
   Phase Control Thyristor
logo
Infineon Technologies A...
T1901N INFINEON-T1901N Datasheet
256Kb / 11P
   Full blocking 50/60Hz over a wide range temperature range
2011-05-02 Revision: 9.0
More results

Similar Description - T190B256K008ASC-0200

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
CA30 DBLECTRO-CA30 Datasheet
242Kb / 2P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case
T16 VISHAY-T16 Datasheet
96Kb / 5P
   Wet Tantalum Capacitors, Extended Capacitance, Tantalum Case
134D687X9050K6 VISHAY-134D687X9050K6 Datasheet
94Kb / 4P
   Wet Tantalum HI-TMP Capacitors Tantalum Case
Revision: 21-Mar-13
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com