Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520Y157M006ATE015 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T520Y157M006ATE015
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520Y157M006ATE015 Datasheet(HTML) 4 Page - Kemet Corporation

  T520Y157M006ATE015 Datasheet HTML 1Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 2Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 3Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 4Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 5Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 6Page - Kemet Corporation T520Y157M006ATE015 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
T520 RATINGS & PART NUMBER REFERENCE
product may be substituted within the same size at KEMET’S option. Voltage substitutions will be marked with the higher voltage rating.
25 Volt Rating @ 105°C
20 Volt Rating @ 105°C
53
w/
ΔT=20°C
@ -55°C
to 85°C
w/
ΔT= 2°C
@ 105°C
220.0
V
T520V227M006A(1)E007
139
10
7
4.2
1.3
220.0
V
T520V227M006A(1)E009
139
10
9
3.7
1.2
220.0
V
T520V227M006A(1)E012
139
10
12
3.2
1.0
220.0
V
T520V227M006A(1)E015
139
10
15
2.9
0.9
220.0
V
T520V227M006A(1)E025
139
10
25
2.2
0.7
220.0
V
T520V227M006A(1)E040
139
10
40
1.8
0.6
220.0
D
T520D227M006A(1)E006
139
10
6
5.0
1.7
220.0
D
T520D227M006A(1)E007
139
10
7
4.6
1.5
220.0
D
T520D227M006A(1)E009
139
10
9
4.1
1.3
220.0
D
T520D227M006A(1)E015
139
10
15
3.2
1.0
220.0
D
T520D227M006A(1)E040
139
10
40
1.9
0.6
220.0
D
T520D227M006A(1)E050
139
10
50
1.7
0.5
330.0
V
T520V337M006A(1)E015
208
10
15
2.8
0.9
330.0
V
T520V337M006A(1)E018
208
10
18
2.6
0.8
330.0
V
T520V337M006A(1)E025
208
10
25
2.2
0.7
330.0
V
T520V337M006A(1)E040
208
10
40
1.8
0.6
330.0
V
T520V337M006A(1)E045
208
10
45
1.7
0.5
330.0
D
T520D337M006A(1)E009
208
10
9
4.1
1.4
330.0
D
T520D337M006A(1)E010
208
10
10
3.9
1.2
330.0
D
T520D337M006A(1)E015
208
10
15
3.2
1.1
330.0
D
T520D337M006A(1)E018
208
10
18
2.9
0.9
330.0
D
T520D337M006A(1)E025
208
10
25
2.4
0.8
330.0
D
T520D337M006A(1)E040
208
10
40
1.9
0.6
330.0
D
T520D337M006A(1)E045
208
10
45
1.8
0.6
330.0
Y
T520Y337M006A(1)E015
208
10
15
3.3
1.0
330.0
Y
T520Y337M006A(1)E025
208
10
25
2.5
0.8
330.0
Y
T520Y337M006A(1)E040
208
10
40
2.0
0.6
470.0
Y
T520Y477M006A(1)E010
296
10
10
4.0
1.3
470.0
Y
T520Y477M006A(1)E015
296
10
15
3.3
1.0
470.0
Y
T520Y477M006A(1)E018
296
10
18
3.0
0.9
470.0
Y
T520Y477M006A(1)E025
296
10
25
2.5
0.8
470.0
Y
T520Y477M006A(1)E035
296
10
35
2.1
0.7
470.0
D
T520D477M006A(1)E025
296
10
25
2.4
0.8
470.0
D
T520D477M006A(1)E030
296
10
30
2.2
0.7
470.0
X
T520X477M006A(1)E010
296
10
10
4.1
1.3
470.0
X
T520X477M006A(1)E018
296
10
18
3.0
1.0
470.0
X
T520X477M006A(1)E035
296
10
35
2.2
0.7
470.0
X
T520X477M006A(1)E040
296
10
40
2.0
0.6
33.0
T
T520T336M008A(1)E070
26
8
70
1.0
0.3
33.0
T
T520T336M008A(1)E080
26
8
80
0.9
0.3
33.0
B
T520B336M008A(1)E035
26
15
35
1.5
0.5
33.0
B
T520B336M008A(1)E040
26
8
40
1.5
0.5
33.0
B
T520B336M008A(1)E070
26
8
70
1.1
0.3
33.0
U
T520U336M008A(1)E070
26
8
70
1.1
0.4
47.0
B
T520B476M008A(1)E035
38
8
35
1.6
0.5
47.0
B
T520B476M008A(1)E070
38
8
70
1.1
0.3
82.0
C
T520C826M008A(1)E025
82
8
66
2.1
0.6
82.0
C
T520C826M008A(1)E045
82
8
66
1.5
0.2
150.0
D
T520D157M008A(1)E025
120
10
25
2.4
0.8
150.0
D
T520D157M008A(1)E040
120
10
40
1.9
0.6
150.0
D
T520D157M008A(1)E055
120
10
55
1.7
0.5
150.0
V
T520V157M008A(1)E040
120
10
40
3.1
1.0
10.0
A
T520A106M010A(1)E080
10
8
80
1.0
0.3
15.0
A
T520A156M010A(1)E080
15
8
80
1.0
0.3
22.0
A
T520A226M010A(1)E080
22
8
80
0.9
0.3
33.0
T
T520T336M010A(1)E070
33
8
70
1.0
0.3
33.0
T
T520T336M010A(1)E080
33
8
80
0.9
0.3
33.0
B
T520B336M010A(1)E035
33
8
35
1.5
0.5
33.0
B
T520B336M010A(1)E040
33
8
40
1.5
0.5
33.0
B
T520B336M010A(1)E070
33
8
70
1.1
0.3
33.0
U
T520U336M010A(1)E070
33
8
70
1.1
0.4
47.0
B
T520B476M010A(1)E035
47
8
35
1.6
0.5
47.0
B
T520B476M010A(1)E070
47
8
70
1.1
0.3
47.0
U
T520U476M010A(1)E055
47
8
55
1.2
0.4
68.0
W
T520W686M010A(1)E025
68
10
25
2.2
0.7
68.0
W
T520W686M010A(1)E040
68
10
40
1.7
0.5
68.0
C
T520C686M010A(1)E045
68
8
45
1.6
0.5
68.0
V
T520V686M010A(1)E025
68
10
25
2.2
0.7
68.0
V
T520V686M010A(1)E040
68
10
40
1.8
0.6
68.0
V
T520V686M010A(1)E045
68
10
45
1.7
0.5
68.0
V
T520V686M010A(1)E060
68
10
60
1.4
0.5
68.0
V
T520V686M010A(1)E100
68
10
100
1.1
0.4
68.0
D
T520D686M010A(1)E100
68
10
100
1.2
0.4
100.0
C
T520C107M010A(1)E025
100
8
25
2.1
0.4
100.0
C
T520C107M010A(1)E045
100
8
45
1.5
0.5
100.0
W
T520W107M010A(1)E040
100
10
40
1.7
0.5
100.0
V
T520V107M010A(1)E018
100
10
18
2.6
0.8
100.0
V
T520V107M010A(1)E025
100
10
25
2.2
0.7
100.0
V
T520V107M010A(1)E045
100
10
45
1.7
0.5
100.0
V
T520V107M010A(1)E050
100
10
50
1.6
0.5
100.0
D
T520D107M010A(1)E018
100
10
18
2.9
0.9
100.0
D
T520D107M010A(1)E055
100
10
55
1.7
0.5
100.0
D
T520D107M010A(1)E080
100
10
80
1.4
0.4
150.0
D
T520D157M010A(1)E025
150
10
25
2.4
0.8
150.0
D
T520D157M010A(1)E040
150
10
40
1.9
0.6
150.0
D
T520D157M010A(1)E055
150
10
55
1.7
0.5
220.0
Y
T520Y227M010A(1)E040
220
10
40
2.0
0.6
220.0
D
T520D227M010A(1)E018
220
10
18
2.9
0.9
220.0
D
T520D227M010A(1)E025
220
10
25
2.4
0.8
220.0
D
T520D227M010A(1)E040
220
10
40
1.9
0.6
330.0
Y
T520Y337M010A(1)E015
330
10
15
3.3
1.0
330.0
Y
T520Y337M010A(1)E035
330
10
35
2.1
0.4
330.0
X
T520X337M010A(1)E010
330
10
10
4.1
1.3
330.0
X
T520X337M010A(1)E025
330
10
25
2.6
0.8
330.0
X
T520X337M010A(1)E040
330
10
40
2.0
0.6
33.0
W
T520W336M016A(1)E045
53
10
60
1.6
0.5
33.0
V
T520V336M016A(1)E045
53
10
45
1.7
0.5
33.0
V
T520V336M016A(1)E060
53
10
60
1.4
0.5
33.0
V
T520V336M016A(1)E070
53
10
70
1.9
0.4
47.0
W
T520W476M016A(1)E045
75
10
45
1.6
0.5
47.0
V
T520V476M016A(1)E045
75
10
45
1.7
0.5
47.0
V
T520V476M016A(1)E070
76
10
70
1.3
0.4
47.0
D
T520D476M016A(1)E035
75
10
35
2.1
0.7
47.0
D
T520D476M016A(1)E070
75
10
70
1.5
0.5
68.0
D
T520D686M016A(1)E050
109
10
50
1.7
0.5
150.0
X
T520X157M016A(1)E040
240
10
40
2.6
0.8
22.0
V
T520V226M020A(1)E040
44
10
40
1.8
0.6
22.0
V
T520V226M020A(1)E045
44
10
45
1.6
0.2
22.0
V
T520V226M020A(1)E090
44
10
90
1.2
0.4
15.0
D
T520D156M025A(1)E060
38
10
60
1.6
0.5
15.0
D
T520D156M025A(1)E080
38
10
80
1.4
0.4
6.3 Volt Rating @ 105°C
Capaci-
tance µF
Case
Size
KEMET Part Number
DC
Leakage
µA @ 25°C
Max
6.3 Volt Rating @ 105°C cont.
16 Volt Rating @ 105°C
10 Volt Rating @ 105°C
8 Volt Rating @ 105°C
DF% @
25°C
120 Hz
Max
ESR
m
Ω @
25°C
100 kHz
Max
Ripple Current
Arms @
100 kHz Max
25 Volt Rating @ 105°C
20 Volt Rating @ 105°C
(1) To complete KEMET part number, insert letter designation for lead material from page 50. Higher voltage
ratings and tighter tolerance product may be susbstituted with the same size as KEMET’s option. Voltage
substitutions will be marked with the higher voltage rating.


Similar Part No. - T520Y157M006ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520Y157M006ATE045 KEMET-T520Y157M006ATE045 Datasheet
1Mb / 26P
   High frequency capacitance retention
T520Y157M006ATE0507280 KEMET-T520Y157M006ATE0507280 Datasheet
912Kb / 19P
   Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
More results

Similar Description - T520Y157M006ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com