Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV0030 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # EV0030
Description  20W Stereo Class D Single Ended Audio Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0030 Datasheet(HTML) 6 Page - Monolithic Power Systems

  EV0030 Datasheet HTML 1Page - Monolithic Power Systems EV0030 Datasheet HTML 2Page - Monolithic Power Systems EV0030 Datasheet HTML 3Page - Monolithic Power Systems EV0030 Datasheet HTML 4Page - Monolithic Power Systems EV0030 Datasheet HTML 5Page - Monolithic Power Systems EV0030 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV0030 – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EVALUATION BOARD
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV0030 Rev. 1.6
www.MonolithicPower.com
6
6/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
This board is set up from the factory for 24V operation. To use with a 12V power supply adjust the
components as specified in the 12V operation Section 3 below. For more information, consult the
MP7720 datasheet.
1. Power Requirements
a. Power supply: 24V, 6A maximum.
b. 0V to 1VRMS (max) audio signal source.
c. Speaker: 4Ω or 8Ω.
2. Setup Condition for 24V Operation
a. Connect the outputs to the external speakers.
b. Adjust the power supply to 24V (do not turn on).
c. Connect the power supply to the VDD terminals.
d. Set the enable switch to the DISABLE position.
e. Connect the audio input signal source to the amplifier inputs (IN1, IN2).
f. Turn on the power supply to apply power to the board.
3. 12V Operation Modifications
a. Change C11 and C12 to 2.2nF components. Change R13 and R14 to 2kΩ (consult the
MP7720 datasheet for more details).
b. Adjust the power supply to 12V (do not turn on).
c. Use same procedure for turn on as specified in Section 2.
4. Music Turn-On Sequence
a. Set the enable switch to the ENABLE position.
b. Audio should be heard from the speaker(s).
5. Music Turn-Off Sequence
a. Set the enable switch to the DISABLE position.


Similar Part No. - EV0030

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
More results

Similar Description - EV0030

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
   Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
   20W Class D Mono Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
   2x20W Stereo Single Ended Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com