Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491V106M004AS Datasheet(PDF) 8 Page - Kemet Corporation

Part # T491V106M004AS
Description  LOW PROFILE SURFACE MOUNT CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491V106M004AS Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T491V106M004AS Datasheet HTML 4Page - Kemet Corporation T491V106M004AS Datasheet HTML 5Page - Kemet Corporation T491V106M004AS Datasheet HTML 6Page - Kemet Corporation T491V106M004AS Datasheet HTML 7Page - Kemet Corporation T491V106M004AS Datasheet HTML 8Page - Kemet Corporation T491V106M004AS Datasheet HTML 9Page - Kemet Corporation T491V106M004AS Datasheet HTML 10Page - Kemet Corporation T491V106M004AS Datasheet HTML 11Page - Kemet Corporation T491V106M004AS Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • www.kemet.com
T494 SERIES LOW PROFILE SURFACE MOUNT CAPACITORS
Low ESR, Industrial Grade
PART NUMBER REFERENCE
* Extended Values
** 6 Volt product equivalent to 6.3 volt product
(1) To complete KEMET part number, insert M for ±20% tolerance or K for ±10% tolerance.
(2) To complete KEMET part number, insert lead material designation from page 7.
Higher voltage rating, lower ESR and tighter capacitance tolerance product may be substituted within the
same size at KEMET’s option. Voltage substitutions will be marked with the higher voltage rating.
# Maximum Capacitance Change @ 125°C = +15%
† Maximum Capacitance @ 125°C = +20%
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
μA@
25°C Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
Ω
@ +25ºC
100 kHz
Max
2.5 Volt Rating at +85ºC (1.7 Volt Rating at +125ºC)
100.0
T
T494T107(1)2R5A(2)
2.5
24
3.5
4 Volt Rating at +85ºC (2.7 Volt Rating at +125ºC)
6.8
S
T494S685(1)004A(2)
0.5
6.0
7.0
#10.0
*S
T494S106(1)004A(2)
0.5
6.0
9.0
#10.0
*R
T494R106M004A(2)
0.5
8.0
6.0
15.0
T
T494T156(1)004A(2)
0.6
6.0
2.0
#15.0
*S
T494S156M004A(2)
0.6
10.0
9.0
#22.0
*S
T494S226M004A(2)
0.9
10.0
8.0
#22.0
*T
T494T226(1)004A(2)
0.9
6.0
2.5
33.0
U
T494U336(1)004A(2)
1.3
6.0
0.6
#33.0
*T
T494T336M004A(2)
1.3
8.0
3.5
47.0
U
T494U476(1)004A(2)
1.9
6.0
0.6
#47.0
T
T494T476M004A(2)
1.9
12.0
4.0
#68.0
*U
T494U686(1)004A(2)
2.7
6.0
0.6
#100.0
*U
T494U107(1)004A(2)
4.0
10.0
1.0
†100.0
*T
T494T107M004A(2)
4.0
30.0
4.5
150.0
V
T494V157(1)004A(2)
6.0
8.0
0.2
#220.0
*V
T494V227(1)004A(2)
8.8
8.0
0.3
†330.0
*V
T494V337(1)004A(2)
13.2
12.0
0.3
**6 Volt Rating at +85ºC (4 Volt Rating at +125ºC)
2.2
R
T494R225(1)006A(2)
0.5
6.0
20.0
4.7
S
T494S475(1)006A(2)
0.5
6.0
8.0
#6.8
*S
T494S685(1)006A(2)
0.5
6.0
9.0
#6.8
*R
T494R685(1)006A(2)
0.5
8.0
10.0
10.0
T
T494T106(1)006A(2)
0.6
6.0
1.2
#10.0
*S
T494S106M006A(2)
0.6
10.0
9.0
#10.0
*R
T494R106M006A(2)
0.6
8.0
6.0
#15.0
*T
T494T156(1)006A(2)
0.9
6.0
2.5
#15.0
S
T494S156M006A(2)
0.9
10.0
10.0
22.0
U
T494U226(1)006A(2)
1.4
6.0
0.8
#22.0
*T
T494T226M006A(2)
1.4
8.0
3.5
33.0
U
T494U336(1)006A(2)
2.0
6.0
0.6
#33.0
T
T494T336M006A(2)
2.0
12.0
4.0
#47.0
*U
T494U476(1)006A(2)
2.9
6.0
0.6
47.0
*T
T494T476(1)006A(2)
3.0
24.0
4.0
#68.0
*U
T494U686(1)006A(2)
4.1
10.0
1.0
100.0
V
T494V107(1)006A(2)
6.0
8.0
0.2
#100.0
U
T494U107M006A(2)
6.0
10.0
1.2
#150.0
*V
T494V157(1)006A(2)
9.0
8.0
0.3
#220.0
*V
T494V227M006A(2)
13.2
12.0
0.3
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
3.3
S
T494S335(1)010A(2)
0.5
6.0
9.0
#3.3
*R
T494R335(1)010A(2)
0.3
8.0
10.0
#4.7
*S
T494S475(1)010A(2)
0.5
6.0
9.0
#4.7
*R
T494R475M010A(2)
0.5
8.0
8.0
6.8
T
T494T685(1)010A(2)
0.7
6.0
2.0
#6.8
*S
T494S685M010A(2)
0.7
10.0
9.0
#10.0
*T
T494T106(1)010A(2)
1.0
6.0
3.5
#10.0
S
T494S106M010A(2)
1.0
10.0
12.0


Similar Part No. - T491V106M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491V106K035AT KEMET-T491V106K035AT Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low Profile, 1 Ohms, Height Max = 2mm
More results

Similar Description - T491V106M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com