Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491U336M004AS Datasheet(PDF) 11 Page - Kemet Corporation

Part # T491U336M004AS
Description  LOW PROFILE SURFACE MOUNT CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491U336M004AS Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T491U336M004AS Datasheet HTML 7Page - Kemet Corporation T491U336M004AS Datasheet HTML 8Page - Kemet Corporation T491U336M004AS Datasheet HTML 9Page - Kemet Corporation T491U336M004AS Datasheet HTML 10Page - Kemet Corporation T491U336M004AS Datasheet HTML 11Page - Kemet Corporation T491U336M004AS Datasheet HTML 12Page - Kemet Corporation T491U336M004AS Datasheet HTML 13Page - Kemet Corporation T491U336M004AS Datasheet HTML 14Page - Kemet Corporation T491U336M004AS Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • www.kemet.com
PART NUMBER REFERENCE
T495 SERIES LOW PROFILE SURFACE MOUNT CAPACITORS
Low ESR, Surge Robust
COMPONENT MARKING
107
6K
527
Polarity
Indicator (+)
Picofarad
Code
Rated
Voltage
Print Week Code
1st Digit = Year
2nd & 3rd Digits = Week
“527” = 27nd Week of 2005
CONSTRUCTION
R+
* Extended Values
** 6 Volt product equivalent to 6.3 volt product
(1) To complete KEMET part number, insert M for ±20% tolerance or K for ±10% tolerance.
(2) To complete KEMET part number, insert lead material designation from page 10.
Higher voltage rating, lower ESR and tighter capacitance tolerance product may be substituted within the same size at KEMET’s option. Voltage
substitutions will be marked with the higher voltage rating.
Capaci-
tance μF
Case
Size
KEMET Part Number
DC
Leakage
μA @ 25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR M
Ω
Ω
@ 25°C
100 kHz
Max
Ripple Current mA rms
at 25°C, 100 kHz Max
25°C
85°C
125°C
2.5 Volt Rating @ +85°C (1.7 Volt Rating at +125°C)
100.0
T
T495T107M2R5A(2)E3K0
2.5
24.0
3000
153
137
61
6/6.3 Volt Rating @ +85°C (4 Volt Rating at +125°C)
100.0
V
T495V107(1)006A(2)E150
6.0
8.0
150
913
822
365
10 Volt Rating @ +85°C (7 Volt Rating at +125°C)
68.0
V
T495V686(1)010A(2)E140
6.8
6.0
140
945
850
378
100.0
V
T495V107(1)010A(2)E150
10.0
8.0
150
913
822
365
150.0
V
T495V157(1)010A(2)E100
15.0
8.0
100
1118
1006
447
150.0
V
T495V157(M)010A(2)E150
15.0
8.0
150
913
822
365
220.0
*V
T495V227(1)010A(2)E150
22.0
12.0
150
913
822
365
16 Volt Rating @ +85°C (10 Volt Rating at +125°C)
10.0
*T
T495T106M016A(2)E4K0
1.6
8.0
4000
132
119
53
68.0
*V
T495V686(1)016A(2)E300
10.9
6.0
300
645
581
258


Similar Part No. - T491U336M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491U336004A KEMET-T491U336004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491U336006A KEMET-T491U336006A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491U3361004A2 KEMET-T491U3361004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491U3361004A2 KEMET-T491U3361004A2 Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491U3361004A2 KEMET-T491U3361004A2 Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
More results

Similar Description - T491U336M004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com