Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520D227M006ATE015 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T520D227M006ATE015
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520D227M006ATE015 Datasheet(HTML) 5 Page - Kemet Corporation

  T520D227M006ATE015 Datasheet HTML 1Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 2Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 3Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 4Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 5Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 6Page - Kemet Corporation T520D227M006ATE015 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
Tape & Reel Packaging
KEMET’s Molded Tantalum and Aluminum Chip
Capacitor families are packaged in 8 mm and 12 mm plastic
tape on 7" and 13" reels, in accordance with EIA Standard
481-1: Taping of Surface Mount Components for Automatic
Handling. This packaging system is compatible with all tape
fed automatic pick and place systems.
Right Hand
Orientation
Only
(+)
(–)
Embossed Carrier
Embossment
Top Tape Thickness
.10mm (.004") Max Thickness
8mm
±.30
(.315
±.012")
or
12mm
±.30
(.472
±.012")
178mm (7.00")
or
330mm (13.00")
8mm (0.315")
or
12mm (0.472")
180mm (7.0")
or
330mm (13.0")
QUANTITIES PACKAGED PER REEL
Case Code
Tape
KEMET
EIA
Width-mm
7" Reel*
13" Reel*
R
2012-12
8
2,500
10,000
S
3216-12
8
2,500
10,000
T
3528-12
8
2,500
10,000
U
6032-15
12
1,000
5,000
W
7343-15
12
1,000
3,000
V
7343-20
12
1,000
3,000
A
3216-18
8
2,000
9,000
B
3528-21
8
2,000
8,000
C
6032-28
12
500
3,000
D
7343-31
12
500
2,500
Y
7343-40
12
500
2,000
X
7343-43
12
500
2,000
E
7260-38
12
500
2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes.
Refer to EIA-556.
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
*
Standard reel packaging is not mandatory.
*
Bulk packaging also available using C-7610.
92


Similar Part No. - T520D227M006ATE015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T520D227M006ATE015 TI-T520D227M006ATE015 Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
T520D227M006ATE015 TI-T520D227M006ATE015 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
More results

Similar Description - T520D227M006ATE015

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520_1 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com