Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496D475M035AH4095 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T496D475M035AH4095
Description  Fail-Safe Fused Tantalum Surface Mount Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D475M035AH4095 Datasheet(HTML) 3 Page - Kemet Corporation

  T496D475M035AH4095 Datasheet HTML 1Page - Kemet Corporation T496D475M035AH4095 Datasheet HTML 2Page - Kemet Corporation T496D475M035AH4095 Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Capaci-
tance μF
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 04053
Part Number
DCL μA
@ 25°C
Max.
DF
% @ +25°C
120 Hz.
Max.
ESR
Ω
Ω @ +25°C
100 kHz
Max.
20 Volt Rating at +85°C (13 Volt Rating at +125°C)
1.5
B
T496B155M020AH4095
04053-055
0.5
6.0
5.0
2.2
B
T496B225M020AH4095
04053-056
0.5
6.0
3.5
3.3
B
T496B335M020AH4095
04053-057
0.7
6.0
3.5
4.7
C
T496C475M020AH4095
04053-058
1.0
6.0
2.0
6.8
C
T496C685M020AH4095
04053-059
1.4
6.0
2.0
10.0
C
T496C106M020AH4095
04053-060
2.0
6.0
2.0
15.0
D
T496D156M020AH4095
04053-061
3.0
6.0
1.0
22.0
D
T496D226M020AH4095
04053-062
4.4
6.0
1.0
33.0
X
T496X336M020AH4095
04053-063
6.6
6.0
0.9
47.0
X
T496X476M020AH4095
04053-064
9.4
6.0
0.3
25 Volt Rating at +85°C (17 Volt Rating at +125°C)
0.68
B
T496B684M025AH4095
04053-065
0.5
4.0
6.5
1.0
B
T496B105M025AH4095
04053-066
0.5
4.0
5.0
1.5
B
T496B155M025AH4095
04053-067
0.5
6.0
5.0
2.2
C
T496C225M025AH4095
04053-068
0.6
6.0
3.5
3.3
C
T496C335M025AH4095
04053-069
0.9
6.0
2.5
4.7
C
T496C475M025AH4095
04053-070
1.2
6.0
2.5
6.8
C
T496C685M025AH4095
04053-071
1.7
6.0
2.0
10.0
C
T496C106M025AH4095
04053-072
2.5
6.0
0.6
10.0
D
T496D106M025AH4095
04053-073
2.5
6.0
1.2
15.0
D
T496D156M025AH4095
04053-074
3.8
6.0
1.0
22.0
X
T496X226M025AH4095
04053-075
5.5
6.0
0.9
22.0
D
T496D226M025AH4095
04053-076
5.5
6.0
0.8
35 Volt Rating at +85°C (23 Volt Rating at +125°C)
0.47
B
T496B474M035AH4095
04053-077
0.5
4.0
8.0
0.68
B
T496B684M035AH4095
04053-078
0.5
4.0
6.5
1.0
B
T496B105M035AH4095
04053-079
0.5
4.0
5.0
1.5
C
T496C155M035AH4095
04053-080
0.5
6.0
4.5
2.2
C
T496C225M035AH4095
04053-081
0.8
6.0
3.5
3.3
C
T496C335M035AH4095
04053-082
1.2
6.0
2.5
4.7
D
T496D475M035AH4095
04053-083
1.7
6.0
1.5
6.8
D
T496D685M035AH4095
04053-084
2.4
6.0
1.3
10.0
X
T496X106M035AH4095
04053-085
3.5
6.0
1.0
15.0
*X
T496X156M035AH4095
04053-086
5.3
6.0
0.9
22.0
*X
T496X226M035AH4095
04053-087
7.7
6.0
0.3
50 Volt Rating at +85°C (33 Volt Rating at +125°C)
0.15
B
T496B154M050AH4095
04053-088
0.5
4.0
16.0
0.22
B
T496B224M050AH4095
04053-089
0.5
4.0
14.0
0.33
B
T496B334M050AH4095
04053-090
0.5
4.0
10.0
0.47
C
T496C474M050AH4095
04053-091
0.5
4.0
8.0
0.68
C
T496C684M050AH4095
04053-092
0.5
4.0
7.0
1.0
C
T496C105M050AH4095
04053-093
0.5
4.0
5.5
1.5
C
T496C155M050AH4095
04053-094
0.8
6.0
5.0
2.2
D
T496D225M050AH4095
04053-095
1.1
6.0
2.5
3.3
D
T496D335M050AH4095
04053-096
1.7
6.0
2.0
Capacitance Tolerance
M = ±20%
Series
T496 - Fail-Safe Open
Lead Material
H = (Sn) Solder-Coated (90% Sn/10% Pb)
Case Size
B, C, D, X
Capacitance Picofarad Code
First two digits represent significant figures. Third
digit specifies number of zeros to follow.
Tantalum
T
496
B
105
M
025
A
H
4095
DSCC Designator
4095 = DSCC Dwg. 04053 Designator
Failure Rate
A = Not Applicable
Voltage
Ratings & Part Number Reference
Ordering Information


Similar Part No. - T496D475M035AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D475M025AH KEMET-T496D475M025AH Datasheet
1Mb / 6P
   SOLID TANTALUM CHIP CAPACITORS
T496D475M025AS KEMET-T496D475M025AS Datasheet
1Mb / 6P
   SOLID TANTALUM CHIP CAPACITORS
T496D475M025AT KEMET-T496D475M025AT Datasheet
1Mb / 6P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T496D475M035AH4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
   Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
CWR09CB105KMA KEMET-CWR09CB105KMA Datasheet
147Kb / 10P
   Tantalum Surface Mount Capacitor
logo
Rohm
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com