Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C850IJ Datasheet(PDF) 4 Page - Exar Corporation

Part # XR16C850IJ
Description  2.97V TO 5.5V UART WITH 128-BYTE FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C850IJ Datasheet(HTML) 4 Page - Exar Corporation

  XR16C850IJ Datasheet HTML 1Page - Exar Corporation XR16C850IJ Datasheet HTML 2Page - Exar Corporation XR16C850IJ Datasheet HTML 3Page - Exar Corporation XR16C850IJ Datasheet HTML 4Page - Exar Corporation XR16C850IJ Datasheet HTML 5Page - Exar Corporation XR16C850IJ Datasheet HTML 6Page - Exar Corporation XR16C850IJ Datasheet HTML 7Page - Exar Corporation XR16C850IJ Datasheet HTML 8Page - Exar Corporation XR16C850IJ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
XR16C850
xr
2.97V TO 5.5V UART WITH 128-BYTE FIFO
REV. 2.3.1
4
CS0
14
9
I
Chip Select 0 input (active high). This input selects the XR16C850 device. If CS1 or
CS2# is used as the chip select then this pin must be connected to VCC. During
PC Mode, this pin becomes A5. Caution: SEE”FACTORY TEST MODE” ON
PAGE 7.
CS1
15
10
I
Chip Select 1 input (active high). This input selects the XR16C850 device. If CS0 or
CS2# is used as the chip select then this pin must be connected to VCC. During
PC Mode, this pin becomes A6. Caution: SEE”FACTORY TEST MODE” ON
PAGE 7.
CS2#
16
11
I
Chip Select 2 input (active low). This input selects the XR16C850 device. If CS0 or
CS1 is used as the chip select then this pin must be connected to GND. During PC
Mode, this pin becomes A7. Caution: SEE”FACTORY TEST MODE” ON PAGE 7.
INT
33
30
O
Interrupt Output. This output becomes active whenever the transmitter, receiver,
line and/or modem status register has an active condition and is enabled by IER.
See interrupt section for more details. During PC mode, this pin becomes IRQA.
RXRDY#
32
29
O
Receive Ready (active low). A logic 0 indicates receive data ready status, i.e. the
RHR is full or the FIFO has one or more RX characters available for unloading. For
details, see
Table 2. During PC Mode, this pin becomes IRQB.
TXRDY#
27
23
O
Transmit Ready (active low). Buffer ready status is indicated by a logic 0, i.e. at
least one location is empty and available in the FIFO or THR. For details, see
Table 2. During PC Mode, this pin becomes IRQC.
AS#
28
24
I
Address Strobe input (active low). In the Intel bus mode, the leading-edge transition
of AS# latches the chip selects (CS0, CS1, CS2#) and the address lines A0, A1
and A2. This input is used when the address lines are not stable for the duration of
a read or write operation. In devices with top mark date code of "F2 YYWW" and
newer, the address bus is latched even if this input is not used. These devices fea-
ture a ’0 ns’ address hold time. See “AC Electrical Characteristics” . If not required,
this input can be permanently tied to GND. During PC Mode, this pin becomes
AEN#.
D10
D11
D12
-
-
-
48
1
22
O
High order data bus. When BUS8/16 is selected as 16 bit data bus mode (BUS8/16
is grounded), RX data errors (break, parity, framing) can be read via these pins.
D10 = Parity, D11 = Framing, and D12 = Break. When BUS8/16 is selected as 8 bit
data bus mode (BUS8/16 is at VCC), D10 and D11 are inactive and D12 becomes
DDIS#. During PC Mode, D10 and D11 are inactive and D12 becomes LPT2#.
BUS8/16
-
25
I
8 or 16 Bit Bus select. For normal 8 bit operation, this pin should be connected to
VCC or left open. To select 16 bit bus mode, this pin should be connected to GND.
When 16 bit bus mode is enabled, DDIS# becomes D12. 16 bit bus mode is not
available for PC Mode. Only RX data error will be provided during this operation.
This pin has an internal pull-up resistor.
CLKSEL
-
13
I
Clock Select. The div-by-1 or div-by-4 pre-scaleable clock is selected by this pin.
The div-by-1 clock is selected when CLKSEL is connected to VCC or the div-by-4
is selected when CLKSEL is connected to GND. MCR bit-7 can override the state
of this pin following reset or initialization (see MCR bit-7). This pin is not available
on 40 and 44 pin packages which provide MCR bit-7 selection only. This pin has
an internal pull-up resistor.
RCLK
10
5
I
This input is used as external 16X clock input to the receiver section. If not used,
connect the -BAUDOUT pin to this input externally. During PC Mode, this pin
becomes S2.
NAME
44-PIN
PLCC
48-PIN
TQFP
TYPE
DESCRIPTION


Similar Part No. - XR16C850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850IJ EXAR-XR16C850IJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C850IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com