Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C562G3GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C562G3GAC
Description  Surface Mount Ceramic Chip Capacitors - C0G Dielectric
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C562G3GAC Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C562G3GAC Datasheet HTML 1Page - Kemet Corporation C0805C562G3GAC Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Bulletin
See Capacitance Value Chart below for thickness dimension.
+ For extended values 1210 case sizes - solder reflow only.
Outline Drawing
W
L
B
S
T
CONDUCTIVE METALLIZATION
ELECTRODES
TIN PLATE
NICKEL PLATE
Surface Mount Ceramic Chip Capacitors – C0G Dielectric
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F9126 5/07
EIA SIZE
CODE
METRIC
SIZE CODE
L - LENGTH
W - WIDTH
B - BANDWIDTH
S
SEPARATION
minimum
MOUNTING
TECHNIQUE
0402
1005
1.0 (.04) ± .05 (.002)
0.5 (.02) ± .05 (.002)
0.20 (.008) -.40 (.016)
0.3 (.012)
Solder Reflow
0603
1608
1.6 (.063) ± .15 (.006)
0.8 (.032) ± .15 (.006)
0.35 (.014) ± .15 (.006)
0.7 (.028)
Solder Wave +
or
Solder Reflow
0805
2012
2.0 (.079) ± .20 (.008)
1.25 (.049) ± .20 (.008)
0.50 (.02) ± .25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± .20 (.008)
1.6 (.063) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± .20 (.008)
2.5 (.098) ± .20 (.008)
0.50 (.02) ± .25 (.010)
N/A
Dimensions - Millimeters (Inches)
As detailed in the KEMET Surface Mount Catalog F3102 for C0G, with following specific requirements based on room
temperature (25°C) parameters:
Operating Range: -55°C to +125°C, with no-bias capacitance shift limited to ± 30 PPM/°C over that range.
Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C: Limit is 1000 megohm microfarads or
100G
Ω, whichever is less.
Capacitance and Dissipation Factor (DF) measured at the following conditions.
Capacitance - 1 kHz and 1 vrms if capacitance >1000 pF
1 MHz and 1 vrms if capacitance
≤ 1000 pF
DF Limit is 0.1%.
These components are suitable for wave and reflow soldering. All parts incorporate the standard KEMET
barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as well as resist-
ance to leaching.
These chips will be supplied unmarked. However, marking is available as an extra cost option.
AEC-Q200 Rev. C - Automotive
RoHS 6 - 100% tin termination
Electrical Parameters
Soldering Process
Marking
Qualification/Certification


Similar Part No. - C0805C562G3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C562J2GACAUTO KEMET-C0805C562J2GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 5600 pF, 5%, 200 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0805C562J5GACTU KEMET-C0805C562J5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 5600 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C562JAGACAUTO KEMET-C0805C562JAGACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 5600 pF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
C0805C562K1RACAUTO KEMET-C0805C562K1RACAUTO Datasheet
521Kb / 4P
   SMD Auto X7R, Ceramic, 5600 pF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805
5/16/2023
C0805C562K5RACTU KEMET-C0805C562K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 5600 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0805C562G3GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C125K8PAC KEMET-C0603C125K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com