Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HE751B0550 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HE751B0550
Description  D.I.L. Relay Features and Benefits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HE751B0550 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HE751B0550 Datasheet HTML 1Page - List of Unclassifed Manufacturers HE751B0550 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
51
Notes:
1) The HE 700 Series is also available in low profile with
(.225) 5,72mm height. Contact Hamlin for details.
2) HE721B - Exceeding recommended voltage may cause
contact reclosure.
3) Optional external magnetic shield not available on
Form B relays.
Table 3
HE700 Series Miniature Relay
Coil Characteristics @ 25˚C.
Contact
Electrical &
Dimensions
Part
Nominal
Coil
Must
Must
Maximum
Top View 2,54 mm, 0.1 in. Grid
Form
Operating
Number
Coil Voltage
Resistance
Operate
Release
Coil Voltage
Dot on Case: Pin 1
Characteristics
Vdc
±10% Ohms
Vdc
Vdc
Vdc
Numbers not printed on case.
1A
HE721A0500
5
500
3.75
0.5
12
SPST-NO
See Table 2
Figure 1
HE721A1200
12
1000
8.0
1.0
31
Column 1
HE721A2400
24
2150
16.0
2.0
46
See Note 2, 3
1B
HE721B0500
5
500
3.75
0.5
6.5
SPST-NC
See Table 2
Figure 1
HE721B1200
12
500
9.0
1.0
14
Column 4
HE721B2400
24
2150
18.0
2.0
28
1C
HE721C0500
5
200
3.75
0.5
14
SPDT-CO
See Table 2
Figure 1
HE721C1200
12
500
8.0
1.0
22
Column 2
HE721C2400
24
2000
16.0
2.0
44
1C
HE721E0500
5
200
3.75
0.5
14
SPDT-CO
See Table 2
Figure 1
HE721E1200
12
500
8.0
1.0
22
Column 2
HE721E2400
24
2000
16.0
2.0
44
1C
HE721R0500
5
200
3.75
0.5
14
SPDT-CO
See Table 2
Figure 1
HE721R1200
12
500
8.0
1.0
22
Column 2
HE721R2400
24
2000
16.0
2.0
44
2A
HE722A0500
5
200
3.75
0.5
12
DPST-NO
See Table 2
Figure 1
HE722A1200
12
500
8.0
1.0
22
Column 1
HE722A2400
24
2150
16.0
2.0
46
1A
HE751A0500
5
500
3.75
0.5
12
SPST-NO
See Table 2
Figure 2
HE751A1200
12
1000
8.0
1.0
31
High Voltage
Column 3
HE751A2400
24
2150
16.0
2.0
46
Column Number
1234
Contact Type
Form A
Form C
Form A
Form B
SPST, DPST
SPDT-CO
SPST
SPST-NC
Standard
Standard
High Voltage
Standard
Relay Types
HE721, HE722 HE721C, E, R
HE751
HE721
CONTACT RATINGS
Power, Switching
Watt - max.
10
5
10
10
Contact Hamlin for
Voltage, Switching
Vdc - max.
200
175
300
200
specific load/life details Current, Switching
A - max.
0.5
0.25
0.5
0.5
Current, Carry
A - max.
1.2
1.5
1.2
1.2
VOLTAGE HOLD-OFF
Across Open Contacts
Vdc - min.
250
200
450
250
Contacts to Coil
Vac - min.
500
500
2500
500
Coil to E. Shield
Vac - min.
150
150
N/A
N/A
Between Isolated Terminals
Vac - min.
500
N/A
N/A
N/A
RESISTANCE
Contact, Initial
Ω - max.
0.150
0.200
0.150
0.150
Insulation: Across Open Contacts
Ω - min.
1010
109
1010
1010
Between Isolated Terminals
Ω - min.
1010
1010
1010
1010
TIMING
Operate Time
ms - max.
1.0
3.0
1.0
1.0
Release Time
ms - max.
1.0
3.0
1.0
1.0
ENVIRONMENTAL
Temperature, Operating
°C
-40 to +85
-40 to +85
-20 to +85
-40 to +85
Temperature, Storage
°C
-40 to +105
-40 to +105
-40 to +105
-40 to +105
Vibration Resistance
G - max. 10-2000 Hz.
20
20
20
20
Shock Resistance
G - max. 11 ms,
12 sine
50
50
50
50
Table 2
HE700 Series
Recognised File #E47258
Electrical and Operating Characteristics @ 25˚C.
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product
is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all
liability whatsoever for any purchaser’s reliance upon the information contained on this data sheet without further consultation with authorised
representatives of HAMLIN.


Similar Part No. - HE751B0550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE751B0500 ETC1-HE751B0500 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE751B0501 ETC1-HE751B0501 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE751B0505 ETC1-HE751B0505 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE751B0506 ETC1-HE751B0506 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
HE751B0510 ETC1-HE751B0510 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
More results

Similar Description - HE751B0550

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
HE3321A0400 HAMLIN-HE3321A0400 Datasheet
940Kb / 2P
   HE3300 S.I.L Relay Features and Benefits
HE3621A1210 HAMLIN-HE3621A1210 Datasheet
152Kb / 2P
   HE3600 Miniature S.I.L. Relay Features and Benefits
HE3621A2410 HAMLIN-HE3621A2410 Datasheet
214Kb / 2P
   HE3600 Miniature S.I.L .Relay Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
logo
List of Unclassifed Man...
MK9SST ETC2-MK9SST Datasheet
96Kb / 1P
   Features & Benefits
logo
HAMLIN Position and Mov...
59036-X-T-01-A HAMLIN-59036-X-T-01-A Datasheet
109Kb / 1P
   Clamp Sensor Features and Benefits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com