Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C2550CP40 Datasheet(PDF) 7 Page - Exar Corporation

Part # ST16C2550CP40
Description  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550CP40 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST16C2550CP40 Datasheet HTML 3Page - Exar Corporation ST16C2550CP40 Datasheet HTML 4Page - Exar Corporation ST16C2550CP40 Datasheet HTML 5Page - Exar Corporation ST16C2550CP40 Datasheet HTML 6Page - Exar Corporation ST16C2550CP40 Datasheet HTML 7Page - Exar Corporation ST16C2550CP40 Datasheet HTML 8Page - Exar Corporation ST16C2550CP40 Datasheet HTML 9Page - Exar Corporation ST16C2550CP40 Datasheet HTML 10Page - Exar Corporation ST16C2550CP40 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
xr
ST16C2550
REV. 4.4.0
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
7
1.0 PRODUCT DESCRIPTION
The ST16C2550 (C2550) integrates the functions of two 16C550 Universal Asynchrounous Receiver and
Transmitter (UART). Each UART is independently controlled having its own set of device configuration
registers. The C2550 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-
to-parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially when manufactured on a single integrated silicon chip.
The C2550 represents such an integration with greatly enhanced features. The C2550 is fabricated with an
advanced CMOS process.
The C2550 is an upward solution that provides a dual UART capability with 16 bytes of transmit and receive
FIFO memory, instead of none in the 16C2450. The C2550 is designed to work with high speed modems and
shared network environments, that require fast data processing time. Increased performance is realized in the
C2550 by the transmit and receive FIFO’s. This allows the external processor to handle more networking tasks
within a given time. For example, the ST16C2450 without a receive FIFO, will require unloading of the RHR in
93 microseconds (This example uses a character length of 11 bits, including start/stop bits at 115.2 Kbps). This
means the external CPU will have to service the receive FIFO less than every 100 microseconds. However
with the 16 byte FIFO in the C2550, the data buffer will not require unloading/loading for 1.53 ms. This
increases the service interval giving the external CPU additional time for other applications and reducing the
overall UART interrupt servicing time. In addition, the 4 selectable receive FIFO trigger interrupt levels is
uniquely provided for maximum data throughput performance especially when operating in a multi-channel
environment. The FIFO memory greatly reduces the bandwidth requirement of the external controlling CPU,
increases performance, and reduces power consumption.
The C2550 is capable of operation up to 4 Mbps with a 64 MHz external clock. With a crystal or external clock
input of 14.7456 MHz the user can select data rates up to 921.6 Kbps.
The rich feature set of the C2550 is available through internal registers. Selectable receive FIFO trigger levels,
selectable TX and RX baud rates, and modem interface controls are all standard features. Following a power
on reset or an external reset, the C2550 is software compatible with the previous generation, ST16C2450.


Similar Part No. - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

Similar Description - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com