Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491R107K004AS Datasheet(PDF) 10 Page - Kemet Corporation

Part # T491R107K004AS
Description  LOW PROFILE SURFACE MOUNT CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491R107K004AS Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T491R107K004AS Datasheet HTML 6Page - Kemet Corporation T491R107K004AS Datasheet HTML 7Page - Kemet Corporation T491R107K004AS Datasheet HTML 8Page - Kemet Corporation T491R107K004AS Datasheet HTML 9Page - Kemet Corporation T491R107K004AS Datasheet HTML 10Page - Kemet Corporation T491R107K004AS Datasheet HTML 11Page - Kemet Corporation T491R107K004AS Datasheet HTML 12Page - Kemet Corporation T491R107K004AS Datasheet HTML 13Page - Kemet Corporation T491R107K004AS Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • www.kemet.com
T495 SERIES LOW PROFILE SURFACE MOUNT CAPACITORS
Low ESR, Surge Robust
Meets or Exceeds EIA Standard 535BAAC
Capacitance: 10.0μF to 220.0μF
Taped and Reeled per EIA 481-1
Tolerance: ±10%, ±20%
Symmetrical, Compliant Terminations
Voltage: 2.5 - 16 VDC
100% accelerated steady-state aging
Low Equivalent Series Inductance (<2.5nH ESL)
100% Surge Current test
Precision-molded, laser marked case
Refer to KEMET F3102 for performance characteristics
and page 16 of this catalog for component packaging
RoHS Compliant - Lead Free Terminations (See
www.kemet.com for transition information)
FEATURES
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
H
BOTTOM VIEW
E
F
A
L
CAPACITOR OUTLINE DRAWING
Case Size
Component
KEMET
EIA
L*
W*
H
Max.
K
Min.
F*
±0.1
S*
± 0.3
X
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
T
3528-12
3.5 ± 0.2
(.138 ± .008)
2.8 ± 0.2
(.110 ± .008)
1.2
(.047)
0.3
.012)
2.2
(.087)
0.8
(.031)
0.05
(.002)
0.13
(.005)
2.1
(.083)
1.8
(.071)
2.2
(.087)
V
7343-20
7.3 ± 0.3
(.287 ± .012)
4.3 ± 0.3
(.169 ± .012)
2.0
(.079)
0.09
(.035)
2.4
(.094)
1.3
.051)
0.05
(.002)
0.13
(.005)
3.8
(.150)
3.5
(.138)
3.5
(.138)
DIMENSIONS – Millimeters (inches)
Notes: 1. Metric dimensions govern.
2. (Ref) Dimensions provided for reference only.
KEMET ORDERING INFORMATION
*Refer to www.kemet.com for lead material transition to Pb free.
Capacitance Tolerance
M = ±20%, K = ±10%
Series
T495 - Low ESR, Surge Robust
Lead Material
T = 100% Tin (Sn) Plated
H = (Sn) Solder-Coated (90% Sn/10% Pb)
G = Gold Plated
S = Not Recommended for new design
Case Size
B, C, D, T, V, X
Capacitance Picofarad Code
First two digits represent significant figures. Third digit
specifies number of zeros to follow.
Tantalum
T
495
X
107
M
010
A
S
E100
ESR
E100 = ESR in Milliohmns = 100 mOhms
E1K5 = ESR in Ohms = 1.5 Ohms
4095 = DSCC Dwg. 95158 Designator
Failure Rate
A = Not Applicable
Voltage


Similar Part No. - T491R107K004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491R104K035AG KEMET-T491R104K035AG Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491R104K035AH KEMET-T491R104K035AH Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491R104K035AS KEMET-T491R104K035AS Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491R104K035AT KEMET-T491R104K035AT Datasheet
9Mb / 100P
   Surface Mount Capacitors
T491R104M035AG KEMET-T491R104M035AG Datasheet
9Mb / 100P
   Surface Mount Capacitors
More results

Similar Description - T491R107K004AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
logo
Abracon Corporation
ABLSX ABRACON-ABLSX Datasheet
544Kb / 1P
   LOW PROFILE SURFACE MOUNT
logo
Sangdest Microelectroni...
TPK07KPXX SMC-TPK07KPXX Datasheet
209Kb / 5P
   Low profile surface mount
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
Nais(Matsushita Electri...
TQ-SMD NAIS-TQ-SMD Datasheet
107Kb / 5P
   LOW-PROFILE SURFACE-MOUNT RELAY
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
ALPS ELECTRIC CO.,LTD.
SKSH ALPS-SKSH Datasheet
779Kb / 3P
   Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com