Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV2354DS-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV2354DS-00A
Description  4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV2354DS-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV2354DS-00A Datasheet HTML 1Page - Monolithic Power Systems EV2354DS-00A Datasheet HTML 2Page - Monolithic Power Systems EV2354DS-00A Datasheet HTML 3Page - Monolithic Power Systems EV2354DS-00A Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2354DS-00A – 4.75V TO 23V IN, 2A OUT, 380KHz STEP-DOWN CONVERTER
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2354DS-00A Rev. 1.0
www.MonolithicPower.com
4
1/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pins, and the negative terminal of the load to
GND pins
2. Preset the power supply output to 4.75V to 23V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin
4. Turn the power supply on. The MP2354 will automatically start.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on
the regulator, drive EN less than 0.7V to turn it off.
6. An input under voltage lockout (UVLO) function can be implemented with the addition of a
resistor divider R4 and R5.
The EN threshold is 2.5V, so VIN UVLO threshold is
V
5
.
2
5
R
4
R
1
×
⎛ +
The output voltage of this board is preset to 3.3V. This board is laid out to accommodate most
commonly used inductors and output capacitors and to be programmed for most standard output
voltages. For other output voltages, please refer to the Application Information section in the MP2354
datasheet.


Similar Part No. - EV2354DS-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2354DS-00A MPS-EV2354DS-00A Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
EV2354DS-00A MPS-EV2354DS-00A Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
More results

Similar Description - EV2354DS-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2355DN-00A MPS-EV2355DN-00A Datasheet
190Kb / 4P
   4.75V to 23V In, 3A Out Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
   23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
   2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
   2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
   2A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
   4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2351DQ-00A MPS-EV2351DQ-00A Datasheet
205Kb / 3P
   4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
logo
Fitipower Integrated Te...
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
   23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com