Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV2364DF-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV2364DF-00A
Description  1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV2364DF-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV2364DF-00A Datasheet HTML 1Page - Monolithic Power Systems EV2364DF-00A Datasheet HTML 2Page - Monolithic Power Systems EV2364DF-00A Datasheet HTML 3Page - Monolithic Power Systems EV2364DF-00A Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2364DF-00A – 1.5A, 23V, 1.4MHz DUAL STEP-DOWN CONVERTER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2364DF-00A Rev. 1.2
www.MonolithicPower.com
4
10/6/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The output voltages of this board are set to 3.3V (VOUTA) and 2.5V (VOUTB). The board layout
accommodates most commonly used inductors and output capacitors.
1. Attach the positive and negative ends of the first load to the VOUTA and GND pins,
respectively. If using both outputs, attach the positive and negative ends of the second load to
the VOUTB and GND pins, respectively.
2. Preset the power supply output to 4.75V to 23V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin.
4. Turn the power supply on. The MP2364 will automatically startup.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on
the regulator and less than 0.7V to turn it off.
6. The Output Voltages VOUTA and VOUTB can be changed by varying R1 and R4, respectively.
Calculate the new values by the following formulae:
⎟⎟
⎜⎜
×
=
1
92
.
0
V
6
R
1
R
OUTA
⎟⎟
⎜⎜
×
=
1
92
.
0
V
3
R
4
R
OUTB
Where R6 = 10kΩ and R3 = 10kΩ
Example:
For VOUTA = 3.3V:
=
×
=
k
9
.
25
)
1
92
.
0
3
.
3
(
10k
1
R
Therefore, use a 25.5kΩ standard 1% value resistor.


Similar Part No. - EV2364DF-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2364DF-00A MPS-EV2364DF-00A Datasheet
272Kb / 5P
   4 Output DSL Power Supply
More results

Similar Description - EV2364DF-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
   1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
   1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
   2A, 23V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
   2A, 23V, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com