Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16V654IJ Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16V654IJ
Description  2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16V654IJ Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16V654IJ Datasheet HTML 5Page - Exar Corporation XR16V654IJ Datasheet HTML 6Page - Exar Corporation XR16V654IJ Datasheet HTML 7Page - Exar Corporation XR16V654IJ Datasheet HTML 8Page - Exar Corporation XR16V654IJ Datasheet HTML 9Page - Exar Corporation XR16V654IJ Datasheet HTML 10Page - Exar Corporation XR16V654IJ Datasheet HTML 11Page - Exar Corporation XR16V654IJ Datasheet HTML 12Page - Exar Corporation XR16V654IJ Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
XR16V654/654D
9
REV. 1.0.1
2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
DSRA#
DSRB#
DSRC#
DSRD#
-
-
-
-
1
17
32
48
10
26
44
60
3
19
43
59
7
23
58
74
I
UART channels A-D Data-Set-Ready
(active low) or general purpose input. This
input should be connected to VCC when
not used. This input has no effect on the
UART.
CDA#
CDB#
CDC#
CDD#
-
-
-
-
64
18
31
49
9
27
43
61
79
23
39
63
99
32
49
83
I
UART channels A-D Carrier-Detect (active
low) or general purpose input. This input
should be connected to VCC when not
used. This input has no effect on the UART.
RIA#
RIB#
RIC#
RID#
-
-
-
-
63
19
30
50
8
28
42
62
78
24
38
64
98
33
48
84
I
UART channels A-D Ring-Indicator (active
low) or general purpose input. This input
should be connected to VCC when not
used. This input has no effect on the UART.
ANCILLARY SIGNALS
XTAL1
18
25
35
31
40
I
Crystal or external clock input. Caution: this
input is not 5V tolerant.
XTAL2
19
26
36
32
41
O
Crystal or buffered clock output.
16/68#
14
-
31
-
36
I
Intel or Motorola Bus Select (input with
internal pull-up).
When 16/68# pin is HIGH, 16 or Intel Mode,
the device will operate in the Intel bus type
of interface.
When 16/68# pin is LOW, 68 or Motorola
mode, the device will operate in the Motor-
ola bus type of interface.
Motorola bus interface is not available on
the 64 pin package.
CLKSEL
-
21
30
26
35
I
Baud-Rate-Generator Input Clock Pres-
caler Select for channels A-D. This input is
only sampled during power up or a reset.
Connect to VCC for divide by 1 (default)
and GND for divide by 4. MCR[7] can over-
ride the state of this pin following a reset or
initialization. See MCR bit-7 and
Figure 7
in the Baud Rate Generator section.
CHCCLK
-
-
-
-
42
I
This input provides the clock for UART
channel C. An external 16X baud clock or
the crystal oscillator’s output, XTAL2, must
be connected to this pin for normal opera-
tion. This input may also be used with MIDI
(Musical Instrument Digital Interface) appli-
cations when an external MIDI clock is pro-
vided. This pin is only available in the 100-
pin QFP package.
Pin Description
NAME
48-QFN
PIN #
64-LQFP
PIN #
68-PLCC
PIN#
80-LQFP
PIN #
100-QFP
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR16V654IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654IJ EXAR-XR16V654IJ Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - XR16V654IJ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16V654_0709 EXAR-XR16V654_0709 Datasheet
1Mb / 58P
   2.25V TO 3.6V QUAD UART WITH 64-BYTE FIFO
XR16V564 EXAR-XR16V564_07 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V564 EXAR-XR16V564 Datasheet
1Mb / 55P
   2.25V TO 3.6V QUAD UART WITH 32-BYTE FIFO
XR16V554 EXAR-XR16V554_07 Datasheet
847Kb / 45P
   2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
XR16V698 EXAR-XR16V698 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
Exar Corporation
XR16V598 EXAR-XR16V598 Datasheet
1Mb / 58P
   2.25V TO 3.6V HIGH PERFORMANCE OCTAL UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com