Electronic Components Datasheet Search |
|
C114G102D2CG5CA Datasheet(PDF) 10 Page - Kemet Corporation |
|
C114G102D2CG5CA Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 23 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com 8 CC(R) 75, 76 TEMPERATURE CHARACTERISTIC Capacitance Change With Temp. Measured Measured Without With Bias KEMET Military EIA Temp. DC Bias (Rated Designator Equivalent Equivalent Range, °C Voltage Voltage) G *CG C0G -55 to ±30 ±30 (Ultra (See below) (NPO) +125 ppm/ °C* ppm/ °C* Stable) *CASE SIZES RADIAL AXIAL C052 C114 C056 C124 C062 C192 C066 C202 C512 C222 C522 J 102 052 C 5 G R G 1 C CERAMIC *CASE SIZE (See Table Below) SPECIFICATION Military G — MIL-PRF-20 CAPACITANCE In picofarad code: First two digits are significant figures and third is number of zeroes following (except 9 indicates division by 10). Examples: 0.1 F = 100,000 pF = 104 and 9.1 pF = 919. See tables for Standard Values. FAILURE RATE INTERNAL CONSTRUCTION CAPACITANCE TOLERANCE Standard K— ±10% J— ±5% A — Not Applicable (Std.) M — 1.0% P — 0.1% R — 0.01% S — 0.001% LEAD MATERIAL C — Standard 5 — Standard WORKING VOLTAGE 1 — 100 2 — 200 5— 50 Others G— ±2% C — ±0.25 pF F— ±1% D — ±0.5 pF B— ±0.1 pF Standard tolerances for each Series are shown in the repetitive parts lists. *CH — ±60 ppm/°C 8.2 pF-18.0 pF. *CJ — ±120 ppm/°C 4.3 pF-7.5 pF. *CK — ±250 ppm/°C 2.2 pF-3.9 pF *CX — not measurable 0.1 pF-2.0 pF. ** **Part Number Example: C052G102J1G5CR (14 digits – no spaces) ORDERING INFORMATION CAPACITOR MARKING JCK 2R2 CM5 11AK “J” Brand (CCR only), Temperature Characteristic Capacitance Capacitance Tolerance, Failure Rate (CCR only), Year Code Lot Code, Trademark (K) CCR0 5CH1 00FR FRONT CC(R) 05 Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) ** For the standoff style, a “V” is added after the failure rate, or last character. 0504 AJ3 1433 REAR Date Code Lot Code, “J” Brand (CCR only), FSCM (Federal Source Code) CCR77C G102JM J31433 0504A Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) “J” Brand (CCR only), FSCM (Federal Source Code) Date/Lot Code CC(R) 77 CCR78CG 103FR JAN K 31433 100V 0504A Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) “JAN” Brand (CCR only), Trademark (K) FSCM (Federal Source Code) Voltage Date/Lot Code CC(R) 78 CCR79CG 103KM JAN K 31433 200V 0504A Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) “JAN” Brand (CCR only), Trademark FSCM (Federal Source Code) Voltage Date/Lot Code CC(R) 79 CCR06 CG102 JS FRONT CC(R) 06 Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) ** For the standoff style, a “V” is added after the failure rate, or last character. 0504A J100V 31433 REAR Date/LotCode “J” Brand (CCR only), Voltage FSCM (Federal Source Code) CCR07CG 472KM JAN KEMET 31433 200V 0504A Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) “JAN” Brand, Trademark FSCM (Federal Source Code) Voltage, Date/Lot Code CC(R) 07 CCR08CG 472KM JAN KEMET 31433 200V 0509A Military Designation (Type, Temperature Characteristic, Capacitance, Tolerance, Failure Rate) “JAN” Brand, Trademark FSCM (Federal Source Code) Voltage, Date/Lot Code CC(R) 08 CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20 |
Similar Part No. - C114G102D2CG5CA |
|
Similar Description - C114G102D2CG5CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |