Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF75N05M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF75N05M
Description  75 AMP 50 VOLTS 15mohm N-Channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF75N05M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF75N05M Datasheet HTML 1Page - Solid States Devices, Inc SFF75N05M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID = 250
µA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
50
m
Drain to Source on State Resistance
(VGS = 10 V,Tc = 150oC)
RDS(on)
-
-
-
V
Gate Threshold Voltage
(VDS = VGS, ID = 250
µA)
-
VGS(th)
4.0
2
Smho
Forward Transconductance
(VDS > ID(on) X RDS (on) Max, IDS=20 Amps)
35
gfs
-
15
µµµµµA
Zero Gate Voltage Drain Current
(VDS = max rated voltage, VGS = 0 V)
(VDS = 80% rated VDS, VGS = 0V, TA = 125
oC)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
100
100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
80% rated VDS
Rated ID
Qg
Qgs
Qgd
-
-
-
80
13
40
100
20
55
nsec
Turn on Delay Time
Rise Time
Turn off DelayTime
Fall Time
VDD =50%
rated VDS
rated ID
RG=9.1
td (on)
tr
td (off)
tf
-
-
-
-
20
35
65
40
40
70
130
80
V
1.47
VSD
1.6
-
Diode Reverse Recovery Time
Reverse Recovery Charge
70
40/35
trr
QRR
150
-
TJ =25oC
IF = 10A
di/dt = 100A/
µsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
2600
700
260
2900
1100
275
pF
nsec
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
A
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
75
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
10
100
SFF75N05M
SFF75N05Z
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
1/ Maximum current limited by package, die rated at 75A.
ID=37.5A
ID=75A
ID=37.5A
13
15
19
15
17


Similar Part No. - SFF75N05M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF75N06-28 SSDI-SFF75N06-28 Datasheet
267Kb / 2P
   30 AMP 60 VOLTS 25m廓 N-CHANNEL POWER MOSFET
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
   75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF75N06Z SSDI-SFF75N06Z Datasheet
52Kb / 2P
   75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF75N08M SSDI-SFF75N08M Datasheet
43Kb / 2P
   55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
SFF75N08Z SSDI-SFF75N08Z Datasheet
43Kb / 2P
   55 AMP (note 1) /75 Volts 8.5 mO N-Channel Trench Gate MOSFET
More results

Similar Description - SFF75N05M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
   75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF75N10N SSDI-SFF75N10N Datasheet
230Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10B SSDI-SFF75N10B Datasheet
202Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10-3 SSDI-SFF75N10-3 Datasheet
215Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10M SSDI-SFF75N10M Datasheet
125Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
logo
ON Semiconductor
MTP75N05HD ONSEMI-MTP75N05HD Datasheet
89Kb / 8P
   Power MOSFET 75 Amps, 50 Volts
November, 2000 ??Rev. 4
MMDF1N05E ONSEMI-MMDF1N05E Datasheet
76Kb / 5P
   Power MOSFET 1 Amp, 50 Volts N-Channel SO-8, Dual
February, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FDP3651U FAIRCHILD-FDP3651U Datasheet
388Kb / 6P
   N-Channel PowerTrench MOSFET 100V, 80A, 15mOHM
logo
Solid States Devices, I...
SFFR160N SSDI-SFFR160N Datasheet
232Kb / 2P
   50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06_11 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com