Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3571 Datasheet(PDF) 3 Page - EPCOS

Part # B3571
Description  SAW Components Low-loss Filter 868,60 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3571 Datasheet(HTML) 3 Page - EPCOS

  B3571 Datasheet HTML 1Page - EPCOS B3571 Datasheet HTML 2Page - EPCOS B3571 Datasheet HTML 3Page - EPCOS B3571 Datasheet HTML 4Page - EPCOS B3571 Datasheet HTML 5Page - EPCOS B3571 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 09, 2001
SAW Components
B3571
868,60 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependence of fC: fC(TA) = fC(T0) (1 + TCf(TA – T0)2)
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
868,69
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
868,00 ... 869,38 MHz
3,1
4,6
dB
Pass band (relative to
α
min)
868,00 ... 869,38 MHz
1,5
3,0
dB
867,92 ... 869,46 MHz
2,0
6,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 700,00 MHz
50
55
dB
700,00 ... 830,00 MHz
33
38
dB
830,00 ... 858,00 MHz
30
35
dB
858,00 ... 866,40 MHz
20
25
dB
871,00 ... 880,00 MHz
17
22
dB
880,00 ... 910,00 MHz
30
35
dB
910,00 ...1000,00 MHz
33
38
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
226 || 2,30
Ω || pF
Output:
ZOUT = ROUT || COUT
222 || 2,20
Ω || pF
Temperature coefficient of frequency 1)
TCf
–0,03
ppm/K2
Frequency inversion point
T0
—25
°C


Similar Part No. - B3571

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3570 EPCOS-B3570 Datasheet
77Kb / 7P
   SAW Components Low-loss Filter 868,30 MHz
B3572 EPCOS-B3572 Datasheet
76Kb / 7P
   SAW Components Low-loss Filter 868,95 MHz
B3573 EPCOS-B3573 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 869,60 MHz
B3574 EPCOS-B3574 Datasheet
73Kb / 6P
   Low Loss Filter
B3574 EPCOS-B3574 Datasheet
78Kb / 6P
   Low Loss Filter
More results

Similar Description - B3571

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com