Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA608D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA608D
Description  Low voltage high performance mixer FM IF system
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA608D Datasheet HTML 2Page - NXP Semiconductors SA608D Datasheet HTML 3Page - NXP Semiconductors SA608D Datasheet HTML 4Page - NXP Semiconductors SA608D Datasheet HTML 5Page - NXP Semiconductors SA608D Datasheet HTML 6Page - NXP Semiconductors SA608D Datasheet HTML 7Page - NXP Semiconductors SA608D Datasheet HTML 8Page - NXP Semiconductors SA608D Datasheet HTML 9Page - NXP Semiconductors SA608D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
November 3, 1992
7
RSSI
IF
AMP
MIXER
QUAD
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
AUDIO
C14
IFT1
C10
C9
C8
C7
C6
X1
L2
VCC
C5
C2
C1
L1
C18
C15
C17
FLT2
SW8
C23
C21
R17
2.4k
FLT1
51pF NPO Ceramic
220pF NPO Ceramic
5-30pF NPO Ceramic
1nF Ceramic
10.0pF NPO Ceramic
10pF NPO Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
2.2
µF
100nF +10% Monolithic Ceramic
10
µF Tantalum (minimum) *
C21
C23
C26
Flt 1
Flt 2
IFT 1
L1
L2
X1
R9
R19
R10
R11
100nF +10% Monolithic Ceramic
100nF +10% Monolithic Ceramic
10k
Ω +1%
8.2k
Ω +1%
16k
Ω +5% 1/4W Carbon Composition
2k
Ω +1% 1/4W Metal Film
44.545MHz Crystal Hy-Q
1.2
µH Coilcraft 1008CS–122
Ceramic Filter Murata SFG455A3 or equiv
Ceramic Filter Murata SFG455A3 or equiv
0.1
µF +10% Monolithic Ceramic
C1
C2
C5
C6
C7
C8
C9
C10
C12
C14
C15
C17
C18
Product Board SA608D/DK Component List
OSCILLATOR
R14
10k
Ω +1%
VREG
+
+
LIMITER
C25
100nF +10% Monolithic Ceramic
R17
2.4k
Ω +5% 1/4W Carbon Composition
Figure 2. SA608 45MHz Test Circuit (Relays as shown)
R19
11k
R18
3.3k
C26
R18
3.3k
Ω +5% 1/4W Carbon Composition
C27
2.2
µF
OUT
RSSI
OUTPUT
FREQ
CHECK
C12
*NOTE: This value can be reduced when a battery is the power source.
C19
390pF
C19 390pF +10% Monolithic Ceramic
0.33
µH TOKO SCB–1320Z
330
µH TOKO 303LN–1130


Similar Part No. - SA608D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
SA60 PANJIT-SA60 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA60 CHENG-YI-SA60 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SA60 ETC2-SA60 Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SA608D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
   Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
   Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
SA616 PHILIPS-SA616 Datasheet
160Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
   High performance low power mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com