Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA608D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA608D
Description  Low voltage high performance mixer FM IF system
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA608D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA608D Datasheet HTML 6Page - NXP Semiconductors SA608D Datasheet HTML 7Page - NXP Semiconductors SA608D Datasheet HTML 8Page - NXP Semiconductors SA608D Datasheet HTML 9Page - NXP Semiconductors SA608D Datasheet HTML 10Page - NXP Semiconductors SA608D Datasheet HTML 11Page - NXP Semiconductors SA608D Datasheet HTML 12Page - NXP Semiconductors SA608D Datasheet HTML 13Page - NXP Semiconductors SA608D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors RF Communications Products
Product specification
SA608
Low voltage high performance mixer FM IF system
November 3, 1992
12
5
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
Figure 9. Sensitivity vs RF Level (–40
°C)
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
VCC = 3V
RF = 45MHz
DEVIATION =
±8kHz
AUDIO LEVEL = 52.5mVRMS
AUDIO
THD + NOISE
AM REJECTION
NOISE
5
–125
–115
–105
–95
–85
–75
–65
–55
–45
–35
–25
RF LEVEL (dBm)
Figure 10. Sensitivity vs RF Level (+25
°C)
0
–5
–10
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
VCC = 3V
RF = 45MHz
DEVIATION =
±8kHz
AUDIO LEVEL = 58.5mVRMS
AUDIO
THD + NOISE
AM REJECTION
NOISE


Similar Part No. - SA608D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA60 PANJIT-SA60 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
SA60 PANJIT-SA60 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
SA60 PANJIT-SA60 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
SA60 CHENG-YI-SA60 Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA60 WTE-SA60 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA608D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
   Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
   Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
SA616 PHILIPS-SA616 Datasheet
160Kb / 17P
   Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
   HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
   High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
   High performance low power mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
   High performance low power mixer FM IF system
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com