Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805A519G2GAC Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0805A519G2GAC
Description  CAPACITOR OUTLINE DRAWINGS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805A519G2GAC Datasheet(HTML) 5 Page - Kemet Corporation

  C0805A519G2GAC Datasheet HTML 1Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 2Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 3Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 4Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 5Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 6Page - Kemet Corporation C0805A519G2GAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
21
RATINGS AND PART NUMBER REFERENCE
STYLE C1805
RATINGS AND PART NUMBER REFERENCE
STYLE C1210 (continued)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BP
220
C1805A221(1)2GA(2)
240
C1805A241(1)2GA(2)
270
C1805A271(1)2GA(2)
300
C1805A301(1)2GA(2)
330
C1805A331(1)2GA(2)
360
C1805A361(1)2GA(2)
390
C1805A391(1)2GA(2)
430
C1805A431(1)2GA(2)
470
C1805A471(1)2GA(2)
100 VOLT - BP
510
C1805A511(1)1GA(2)
560
C1805A561(1)1GA(2)
620
C1805A621(1)1GA(2)
680
C1805A681(1)1GA(2)
750
C1805A751(1)1GA(2)
820
C1805A821(1)1GA(2)
910
C1805A911(1)1GA(2)
1000
C1805A102(1)1GA(2)
1100
C1805A112(1)1GA(2)
1200
C1805A122(1)1GA(2)
1300
C1805A132(1)1GA(2)
1500
C1805A152(1)1GA(2)
50 VOLT - BP
1600
C1805A162(1)5GA(2)
1800
C1805A182(1)5GA(2)
2000
C1805A202(1)5GA(2)
2200
C1805A222(1)5GA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BX
1200
C1805A122(1)2XA(2)
1500
C1805A152(1)2XA(2)
1800
C1805A182(1)2XA(2)
2200
C1805A222(1)2XA(2)
2700
C1805A272(1)2XA(2)
3300
C1805A332(1)2XA(2)
3900
C1805A392(1)2XA(2)
100 VOLT - BX
4700
C1805A472(1)1XA(2)
5600
C1805A562(1)1XA(2)
6800
C1805A682(1)1XA(2)
8200
C1805A822(1)1XA(2)
10,000
C1805A103(1)1XA(2)
12,000
C1805A123(1)1XA(2)
15,000
C1805A153(1)1XA(2)
18,000
C1805A183(1)1XA(2)
50 VOLT - BX
18,000
C1805A183(1)5XA(2)
22,000
C1805A223(1)5XA(2)
27,000
C1805A273(1)5XA(2)
33,000
C1805A333(1)5XA(2)
39,000
C1805A393(1)5XA(2)
47,000
C1805A473(1)5XA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
100 VOLT - BP
1100
C1210A112(1)1GA(2)
1200
C1210A122(1)1GA(2)
1300
C1210A132(1)1GA(2)
1500
C1210A152(1)1GA(2)
1600
C1210A162(1)1GA(2)
1800
C1210A182(1)1GA(2)
2000
C1210A202(1)1GA(2)
2200
C1210A222(1)1GA(2)
2400
C1210A242(1)1GA(2)
2700
C1210A272(1)1GA(2)
3000
C1210A302(1)1GA(2)
3300
C1210A332(1)1GA(2)
50 VOLT - BP
3600
C1210A362(1)5GA(2)
3900
C1210A392(1)5GA(2)
200 VOLT - BX
470
C1210A471(1)2XA(2)
560
C1210A561(1)2XA(2)
680
C1210A681(1)2XA(2)
820
C1210A821(1)2XA(2)
1000
C1210A102(1)2XA(2)
1200
C1210A122(1)2XA(2)
1500
C1210A152(1)2XA(2)
1800
C1210A182(1)2XA(2)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT - BX
2200
C1210A222(1)2XA(2)
2700
C1210A272(1)2XA(2)
3300
C1210A332(1)2XA(2)
3900
C1210A392(1)2XA(2)
4700
C1210A472(1)2XA(2)
5600
C1210A562(1)2XA(2)
6800
C1210A682(1)2XA(2)
8200
C1210A822(1)2XA(2)
10,000
C1210A103(1)2XA(2)
100 VOLT - BX
12,000
C1210A123(1)1XA(2)
15,000
C1210A153(1)1XA(2)
18,000
C1210A183(1)1XA(2)
22,000
C1210A223(1)1XA(2)
27,000
C1210A273(1)1XA(2)
33,000
C1210A333(1)1XA(2)
50 VOLT - BX
39,000
C1210A393(1)5XA(2)
47,000
C1210A473(1)5XA(2)
56,000
C1210A563(1)5XA(2)
68,000
C1210A683(1)5XA(2)
82,000
C1210A823(1)5XA(2)
100,000
C1210A104(1)5XA(2)
(1) Complete KEMET part number by inserting capacitance tolerance, as applicable as shown in ordering information on
page 17.
BP CAPACITANCE TOLERANCE: ±1%, ±2%, ±5%, ±10%, ±20% (±0.5pF & ±0.25pF tolerances available 1.0 thru 10pF
only) TEMPERATURE CHARACTERISTIC “G”
BX CAPACITANCE TOLERANCE: ±5%, ±10%, ±20% TEMPERATURE CHARACTERISTIC “X”
(2) Complete part number by inserting end Metallization, as applicable as shown in ordering information on page 17.
C—Tin-Coated, Final (SolderGuard II)
H—Solder-Coated, Final (SolderGuard I)
CERAMIC CHIPS HIGH RELIABILITY
GR900 SERIES (BP/BX DIELECTRIC)


Similar Part No. - C0805A519G2GAC

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0805A GENERAL-C0805A Datasheet
73Kb / 1P
   Computer Cable
More results

Similar Description - C0805A519G2GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
AD021-00E ETC2-AD021-00E Datasheet
159Kb / 12P
   Package Drawings and Specifications
OM1905NMM ETC-OM1905NMM Datasheet
26Kb / 4P
   HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS
logo
International Rectifier
OM1805NKM IRF-OM1805NKM Datasheet
34Kb / 4P
   HERMETIC TO-3 FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS
logo
SYNC POWER Crop.
SOT-353 SYNC-POWER-SOT-353 Datasheet
30Kb / 1P
   OUTLINE
logo
List of Unclassifed Man...
TO-251 ETC2-TO-251 Datasheet
32Kb / 1P
   OUTLINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com