Electronic Components Datasheet Search |
|
T493A227K006AB6410 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T493A227K006AB6410 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 26 SOLID TANTALUM CHIP CAPACITORS T493 SERIES—Military COTS T493 RATINGS AND PART NUMBER REFERENCE (1) To complete KEMET part number, insert M for ±20% or K for ±10% capacitance tolerance. To request ±5% tolerance,contact KEMET sales representative. (2) To complete KEMET part number, insert A for Non-ER; B for 0.1%/1000 Hrs.; or C for 0.01%/1000 Hrs. Reliability Level. (3) To complete KEMET part number, insert B for Gold Plated (50 µ inch minimum); C for Hot Solder Dipped (60 µ inch minimum); H for Solder Plated (100 µ inch minimum); K for Solder Fused (60 μ inch minimum Termination Finish or T for 100% Tin. (4) To complete KEMET part number for Surge Current testing, insert 61 for none; 62 for 10 cycles +25°C; or 64 for 10 cycles, -55°C & +85°C. (5) To complete KEMET part number, insert 10 for Standard ESR; 20 for Low ESR or 30 for Ultra-low ESR Option. * Extended Values #Maximum Capacitance Change @ 125°C = +15% Capaci- tance µF Case Size KEMET Part Number DCL µA @ 25ºC Max DF % @ +25ºC 120 Hz Max Std. ESR Ohms @+25°C 100 kHz Max Low ESR Ohms @+25°C 100 kHz Max Ultra-Low ESR, Ohms @+25°C 100 kHz Max 0.10 A T493A104(1)035(2)(3)(4)(5) 0.5 4.0 20.0 10.0 N/A 0.15 A T493A154(1)035(2)(3)(4)(5) 0.5 4.0 19.0 6.0 N/A 0.22 A T493A224(1)035(2)(3)(4)(5) 0.5 4.0 18.0 6.0 N/A 0.33 A T493A334(1)035(2)(3)(4)(5) 0.5 4.0 15.0 6.0 N/A 0.47 A T493A474(1)035(2)(3)(4)(5) 0.5 4.0 14.0 4.0 N/A 0.47 B T493B474(1)035(2)(3)(4)(5) 0.5 4.0 8.0 2.5 1.5 0.68 A T493A684(1)035(2)(3)(4)(5) 0.5 4.0 10.0 6.0 N/A 0.68 B T493B684(1)035(2)(3)(4)(5) 0.5 4.0 6.5 2.5 N/A 1.0 A T493A105(1)035(2)(3)(4)(5) 0.5 4.0 10.0 6.0 N/A 1.0 B T493B105(1)035(2)(3)(4)(5) 0.5 4.0 5.0 2.0 1.5 1.5 B T493B155(1)035(2)(3)(4)(5) 0.5 6.0 5.0 3.0 N/A 1.5 C T493C155(1)035(2)(3)(4)(5) 0.5 6.0 4.5 2.5 N/A 2.2 B T493B225(1)035(2)(3)(4)(5) 0.8 6.0 4.0 2.5 1.5 2.2 C T493C225(1)035(2)(3)(4)(5) 0.8 6.0 3.5 1.5 0.75 #3.3 B T493B335(1)035(2)(3)(4)(5) 1.2 6.0 3.5 1.3 N/A 3.3 C T493C335(1)035(2)(3)(4)(5) 1.2 6.0 2.5 0.8 0.60 4.7 C T493C475(1)035(2)(3)(4)(5) 1.7 6.0 2.5 0.6 0.45 4.7 D T493D475(1)035(2)(3)(4)(5) 1.7 6.0 1.5 0.7 N/A 6.8 C T493C685(1)035(2)(3)(4)(5) 2.4 6.0 2.0 0.9 N/A 6.8 D T493D685(1)035(2)(3)(4)(5) 2.4 6.0 1.3 0.5 0.40 #10.0 C T493C106(1)035(2)(3)(4)(5) 3.5 6.0 2.0 1.2 N/A 10.0 D T493D106(1)035(2)(3)(4)(5) 3.5 6.0 1.0 0.3 0.25 10.0 X T493X106(1)035(2)(3)(4)(5) 2.8 4.0 0.9 0.25 0.18 15.0 D T493D156(1)035(2)(3)(4)(5) 5.3 6.0 0.8 0.3 0.23 15.0 X T493X156(1)035(2)(3)(4)(5) 5.3 6.0 0.9 0.3 0.20 #22.0 D T493D226(1)035(2)(3)(4)(5) 7.7 6.0 0.7 0.4 0.20 22.0 X T493X226(1)035(2)(3)(4)(5) 7.7 6.0 0.7 0.3 0.20 #33.0 X T493X336(1)035(2)(3)(4)(5) 11.6 6.0 0.6 0.3 0.18 #47.0 E T493E476(1)035(2)(3)(4)(5) 16.5 10.0 0.5 0.3 N/A 0.10 A T493A104(1)050(2)(3)(4)(5) 0.5 4.0 20.0 10.0 N/A 0.15 A T493A154(1)050(2)(3)(4)(5) 0.5 4.0 19.0 10.0 N/A 0.15 B T493B154(1)050(2)(3)(4)(5) 0.5 4.0 16.0 10.0 N/A 0.22 B T493B224(1)050(2)(3)(4)(5) 0.5 4.0 14.0 10.0 N/A 0.33 B T493B334(1)050(2)(3)(4)(5) 0.5 4.0 10.0 2.5 N/A 0.47 B T493B474(1)050(2)(3)(4)(5) 0.5 4.0 9.0 2.0 N/A 0.47 C T493C474(1)050(2)(3)(4)(5) 0.5 4.0 8.0 1.8 N/A 0.68 C T493C684(1)050(2)(3)(4)(5) 0.5 4.0 7.0 1.6 N/A 1.0 C T493C105(1)050(2)(3)(4)(5) 0.5 4.0 5.5 1.6 1.3 1.5 C T493C155(1)050(2)(3)(4)(5) 0.8 6.0 4.5 1.5 N/A 1.5 D T493D155(1)050(2)(3)(4)(5) 0.8 6.0 3.5 1.0 N/A 2.2 C T493C225(1)050(2)(3)(4)(5) 1.1 6.0 3.5 1.5 N/A 2.2 D T493D225(1)050(2)(3)(4)(5) 1.1 6.0 2.5 0.8 0.60 3.3 D T493D335(1)050(2)(3)(4)(5) 1.7 6.0 2.0 0.8 0.70 4.7 D T493D475(1)050(2)(3)(4)(5) 2.4 6.0 1.5 0.6 0.28 4.7 X T493X475(1)050(2)(3)(4)(5) 1.9 4.0 0.9 0.3 0.30 6.8 X T493X685(1)050(2)(3)(4)(5) 3.5 6.0 1.0 0.5 N/A 35 Volt Rating at +85ºC (23 Volt Rating at +125ºC) 50 Volt Rating at +85ºC (33 Volt Rating at +125ºC) |
Similar Part No. - T493A227K006AB6410 |
|
Similar Description - T493A227K006AB6410 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |