Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFFR160N Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFFR160N
Description  50 AMP 100 VOLTS 0.04 ohm RADIATION HARDENED N-Channel Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFFR160N Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFFR160N Datasheet HTML 1Page - Solid States Devices, Inc SFFR160N Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SFFR160N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR150M SSDI-SFFR150M Datasheet
230Kb / 2P
   RADIATION HARDENED N-CHANNEL MOSFET
More results

Similar Description - SFFR160N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFR450M SSDI-SFFR450M Datasheet
348Kb / 3P
   -10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET
SFFR250 SSDI-SFFR250 Datasheet
226Kb / 2P
   27 AMP 200 VOLTS 0.100 RADIATION HARDENED N-CHANNEL MOSFET
logo
Intersil Corporation
JANSR2N7281 INTERSIL-JANSR2N7281 Datasheet
49Kb / 7P
   Radiation Hardened, N-Channel Power MOSFET
logo
Solid States Devices, I...
SFF75N10M SSDI-SFF75N10M Datasheet
125Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10N SSDI-SFF75N10N Datasheet
230Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10B SSDI-SFF75N10B Datasheet
202Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFF75N10-3 SSDI-SFF75N10-3 Datasheet
215Kb / 2P
   75 AMP 100 VOLTS 0.025 OHM N-Channel POWER MOSFET
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
   RADIATION HARDENED N-CHANNEL MOSFET
SFFR150M SSDI-SFFR150M Datasheet
230Kb / 2P
   RADIATION HARDENED N-CHANNEL MOSFET
logo
Intersil Corporation
FSGYE230R INTERSIL-FSGYE230R Datasheet
81Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFET
May 2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com