Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73R12IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT73R12IB
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R12IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT73R12IB Datasheet HTML 7Page - Exar Corporation XRT73R12IB Datasheet HTML 8Page - Exar Corporation XRT73R12IB Datasheet HTML 9Page - Exar Corporation XRT73R12IB Datasheet HTML 10Page - Exar Corporation XRT73R12IB Datasheet HTML 11Page - Exar Corporation XRT73R12IB Datasheet HTML 12Page - Exar Corporation XRT73R12IB Datasheet HTML 13Page - Exar Corporation XRT73R12IB Datasheet HTML 14Page - Exar Corporation XRT73R12IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
XRT73R12
8
REV. 1.0.2
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
RECEIVE LINE SIDE PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
B22
AE22
B18
AE18
A14
AF14
D13
AC13
B9
AE9
B5
AE5
RTip0
RTip1
RTip2
RTip3
RTip4
RTip5
RTip6
RTip7
RTip8
RTip9
RTip10
RTip11
I
Receive TIP Input
These input pins along with the corresponding RRing_n input pin function as the
Receive DS3/E3/STS-1 Line input signal for a given channel of the XRT73R12.
Cconnect this signal and the corresponding RRING_n input signal to a 1:1
transformer.
Whenever the RTIP/RRING input pins are receiving a positive-polarity pulse
within the incoming DS3, E3 or STS-1 line signal, this input pin will be pulsed to
a higher voltage than its corresponding RRING_n input pin.
Conversely, whenever the RTIP/RRING input pins are receiving a negative-
polarity pulse within the incoming DS3, E3 or STS-1 line signal, this input pin
will be pulsed to a lower voltage than its corresponding RRING_n input pin.
C22
AD22
C18
AD18
B14
AE14
C13
AD13
C9
AD9
C5
AD5
RRing0
RRing1
RRing2
RRing3
RRing4
RRing5
RRing6
RRing7
RRing8
RRing9
RRing10
RRing11
I
Receive Ring Input
These input pins along with the corresponding RTIP_n input pin function as the
Receive DS3/E3/STS-1 Line input signal for a given channel of the XRT73R12.
Connect this signal and the corresponding RTIP_n input signal to a 1:1 trans-
former. (See Figure 6)
Whenever the RTIP/RRING input pins are receiving a positive-polarity pulse
within the incoming DS3, E3 or STS-1 line signal, then this input pin will be
pulsed to a lower voltage than its corresponding RTIP_n input pin.
Conversely, whenever the RTIP/RRING input pins are receiving a negative-
polarity pulse within the incoming DS3, E3 or STS-1 line signal, then this input
pin will be pulsed to a higher voltage than its corresponding RTIP_n input pin.


Similar Part No. - XRT73R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73R12IB EXAR-XRT73R12IB Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12IB EXAR-XRT73R12IB Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73R12IB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73R12_0710 EXAR-XRT73R12_0710 Datasheet
513Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R12 EXAR-XRT73R12 Datasheet
766Kb / 87P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_07 Datasheet
1Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75R12 EXAR-XRT75R12_15 Datasheet
2Mb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT75R12_0710 EXAR-XRT75R12_0710 Datasheet
541Kb / 90P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT75R12 EXAR-XRT75R12 Datasheet
786Kb / 89P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com