Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39431-B3682-Z810 Datasheet(PDF) 3 Page - EPCOS

Part # B39431-B3682-Z810
Description  SAW Components Low-Loss Filter 427,5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39431-B3682-Z810 Datasheet(HTML) 3 Page - EPCOS

  B39431-B3682-Z810 Datasheet HTML 1Page - EPCOS B39431-B3682-Z810 Datasheet HTML 2Page - EPCOS B39431-B3682-Z810 Datasheet HTML 3Page - EPCOS B39431-B3682-Z810 Datasheet HTML 4Page - EPCOS B39431-B3682-Z810 Datasheet HTML 5Page - EPCOS B39431-B3682-Z810 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jul 05, 2000
SAW Components
B3682
427,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +15 ... +35 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
427,5
MHz
Maximum insertion attenuation
α
max
425,0 MHz ... 430,0 MHz
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
425,0 MHz ... 430,0 MHz
0,6
1,2
dB
Return loss (Input and Output)
425,0 MHz ... 430,0 MHz
11,0
13,5
dB
VSWR
425,0 MHz ... 430,0 MHz
1,5:1
2,0:1
Absolute attenuation
α
abs
0,3 MHz ... 340,0 MHz
40
60
dB
340,0 MHz ... 415,0 MHz
25
45
dB
415,0 MHz ... 420,0 MHz
25
33
dB
447,0 MHz ... 515,0 MHz
20
45
dB
515,0 MHz ... 1105,0 MHz
40
45
dB
1105,0 MHz ... 1800,0 MHz
20
25
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K


Similar Part No. - B39431-B3682-Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39431-B3676-U310 EPCOS-B39431-B3676-U310 Datasheet
58Kb / 6P
   SAW Components Low-Loss Filter 425,0 MHz
More results

Similar Description - B39431-B3682-Z810

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
   SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
   SAW Components Low-loss Filter 238,0 MHz
B3829 EPCOS-B3829 Datasheet
67Kb / 6P
   SAW Components Low-loss Filter 87,0 MHz
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
   SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
   SAW Components Low-loss Filter 140,00 MHz
B3841 EPCOS-B3841 Datasheet
68Kb / 6P
   SAW Components Low-Loss Filter 174,2 MHz
B3859 EPCOS-B3859 Datasheet
59Kb / 7P
   SAW Components Low-Loss Filter 937,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
   SAW Components Low-loss Filter 380,00 MHz
B3893 EPCOS-B3893 Datasheet
61Kb / 5P
   SAW Components Low-Loss Filter 248,6 MHz
B3897 EPCOS-B3897 Datasheet
70Kb / 5P
   SAW Components Low-Loss Filter 70,00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com