Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R03D Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT75R03D
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 1 Page - Exar Corporation

  XRT75R03D_06 Datasheet HTML 1Page - Exar Corporation XRT75R03D_06 Datasheet HTML 2Page - Exar Corporation XRT75R03D_06 Datasheet HTML 3Page - Exar Corporation XRT75R03D_06 Datasheet HTML 4Page - Exar Corporation XRT75R03D_06 Datasheet HTML 5Page - Exar Corporation XRT75R03D_06 Datasheet HTML 6Page - Exar Corporation XRT75R03D_06 Datasheet HTML 7Page - Exar Corporation XRT75R03D_06 Datasheet HTML 8Page - Exar Corporation XRT75R03D_06 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 135 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT75R03D
EXAR DATA SHEET FORMAT TEMPLATES
MARCH 2006
REV. 1.0.4
GENERAL DESCRIPTION
The XRT75R03D is a three-channel fully integrated
Line Interface Unit (LIU) featuring EXAR’s R3
Technology (Reconfigurable, Relayless Redundancy)
with Jitter Attenuator for E3/DS3/STS-1 applications.
It
incorporates
3
independent
Receivers,
Transmitters and Jitter Attenuators in a single 128 pin
LQFP package.
Each
channel
of
the
XRT75R03D
can
be
independently configured to operate in the data rate,
E3 (34.368 MHz), DS3 (44.736 MHz) or STS-1 (51.84
MHz). Each transmitter can be turned off and tri-
stated for redundancy support or for conserving
power.
The XRT75R03D’s differential receiver provides high
noise interference margin and is able to receive the
data over 1000 feet of cable or with up to 12 dB of
cable attenuation.
The XRT75R03D incorporates an advanced crystal-
less jitter attenuator per channel that can be selected
either in the transmit or receive path. The jitter
attenuator performance meets the ETSI TBR-24 and
Bellcore GR-499 specifications.
The
XRT75R03D
provides
both
Serial
Microprocessor Interface as well as Hardware mode
for programming and control.
The XRT75R03D supports local, remote and digital
loop-backs. The device also has a built-in Pseudo
Random Binary Sequence (PRBS) generator and
detector with the ability to insert and detect single bit
error for diagnostic purposes.
FEATURES
RECEIVER:
R3
Technology
(Reconfigurable,
Relayless
Redundancy)
On chip Clock and Data Recovery circuit for high
input jitter tolerance
Meets E3/DS3/STS-1 Jitter Tolerance Requirement
Detects and Clears LOS as per G.775
Receiver Monitor mode handles up to 20 dB flat
loss with 6 dB cable attenuation
On chip B3ZS/HDB3 encoder and decoder that can
be either enabled or disabled
On-chip clock synthesizer provides the appropriate
rate clock from a single 12.288 MHz Clock
Provides low jitter output clock
TRANSMITTER:
R3
Technology
(Reconfigurable,
Relayless
Redundancy)
Compliant with Bellcore GR-499, GR-253 and ANSI
T1.102 Specification for transmit pulse
Tri-state Transmit output capability for redundancy
applications
Each Transmitter can be independently turned on
or off
Transmitters provide Voltage Output Drive
JITTER ATTENUATOR:
On chip advanced crystal-less Jitter Attenuator for
each channel
Jitter Attenuator can be selected in Receive or
Transmit paths
Meets ETSI TBR 24 Jitter Transfer Requirements
Compliant with jitter transfer template outlined in
ITU G.751, G.752, G.755 and GR-499-CORE,1995
standards
Jitter Attenuator can be disabled
CONTROL AND DIAGNOSTICS:
5 wire Serial Microprocessor Interface for control
and configuration
Supports optional internal Transmit driver
monitoring
Hardware Mode for control and configuration
Each channel supports Local, Remote and Digital
Loop-backs
Single 3.3 V ± 5% power supply
5 V Tolerant I/O
Available in 128 pin LQFP
- 40°C to 85°C Industrial Temperature Range
APPLICATIONS
E3/DS3 Access Equipment
STS1-SPE to DS3 De-Synchronizing
DSLAMs
Digital Cross Connect Systems
CSU/DSU Equipment
Routers
Fiber Optic Terminals


Similar Part No. - XRT75R03D_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03D_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com