Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R03D Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT75R03D
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT75R03D_06 Datasheet HTML 6Page - Exar Corporation XRT75R03D_06 Datasheet HTML 7Page - Exar Corporation XRT75R03D_06 Datasheet HTML 8Page - Exar Corporation XRT75R03D_06 Datasheet HTML 9Page - Exar Corporation XRT75R03D_06 Datasheet HTML 10Page - Exar Corporation XRT75R03D_06 Datasheet HTML 11Page - Exar Corporation XRT75R03D_06 Datasheet HTML 12Page - Exar Corporation XRT75R03D_06 Datasheet HTML 13Page - Exar Corporation XRT75R03D_06 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
XRT75R03D
6
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
REV. 1.0.4
37
7
8
TAOS_0
TAOS_1
TAOS_2
I
Transmit "All Ones" Input - Channel 0:
Transmit "All Ones" Input - Channel 1:
Transmit "All Ones" Input - Channel 2:
These input pin are used to configure the Transmit Section of the corre-
sponding channel to generate and transmit an unframed "All Ones" pattern
via the DS3, E3 or STS-1 line signal to the remote terminal equipment.
When this configuration is implemented the Transmit Section will ignore the
data that it is accepting from the System-side equipment and will overwrite
this data will the "All Ones" Pattern.
"Low" - Does not configure the channel to transmit an unframed "All Ones"
Pattern to the remote terminal equipment. In this mode, the Transmit Sec-
tion of the Channel will output data based upon the signals that are applied
to the TxPOS_n and TxNEG_n input pins.
"High" - Configures the Channel to transmit an unframed "All Ones" Pattern
to the remote terminal equipment. In this mode, the Transmit Section will
override the data that is applied to the TxPOS_n and TxNEG_n input pins,
and will proceed to generate and transmit an unframed "All Ones" pattern.
4.
This input pin is ignored if the XRT75R03D is operating in the
HOST Mode and should be tied to GND.
5.
These input pins are internally pulled down.
36
9
10
TxLEV_0
TxLEV_1
TxLEV_2
I
Transmit Line Build-Out Enable/Disable Select - Channel 0:
Transmit Line Build-Out Enable/Disable Select - Channel 1:
Transmit Line Build-Out Enable/Disable Select - Channel 2:
These input pins are used to enable or disable the Transmit Line Build-Out
(e.g., pulse-shaping) circuit within the corresponding channel. The user
should set these input pins either "High" or "Low" based upon the following
guidelines.
"Low" - If the cable length between the Transmit Output of the correspond-
ing Channel and the DSX-3/STSX-1 location is 225 feet or less.
"High" - If the cable length between the Transmit Output of the correspond-
ing Channel and the DSX-3/STSX-1 location is 225 feet or more.
NOTES:
1.
These guidelines must be followed in order to insure that the
Transmit Section of Channel_n will always generate a DS3 pulse
that complies with the Isolated Pulse Template requirements per
Bellcore GR-499-CORE, or an STS-1 pulse that complies with the
Pulse Template requirements per Telcordia GR-253-CORE.
2.
This input pin is inactive if the XRT75R03D has been configured
to operate in the Host Mode, or if the corresponding channel has
been configured to operate in the E3 Mode. If either of these
cases are true, then tie this input pin to GND.
3.
These input pins are internally pulled "Low".
SYSTEM-SIDE TRANSMIT INPUT AND TRANSMIT CONTROL PINS
PIN #
SIGNAL NAME
TYPE
DESCRIPTION


Similar Part No. - XRT75R03D_06

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03D_06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com