Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R03DIV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT75R03DIV
Description  EXAR DATA SHEET FORMAT TEMPLATES
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03DIV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT75R03DIV Datasheet HTML 3Page - Exar Corporation XRT75R03DIV Datasheet HTML 4Page - Exar Corporation XRT75R03DIV Datasheet HTML 5Page - Exar Corporation XRT75R03DIV Datasheet HTML 6Page - Exar Corporation XRT75R03DIV Datasheet HTML 7Page - Exar Corporation XRT75R03DIV Datasheet HTML 8Page - Exar Corporation XRT75R03DIV Datasheet HTML 9Page - Exar Corporation XRT75R03DIV Datasheet HTML 10Page - Exar Corporation XRT75R03DIV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
XRT75R03D
IV
REV. 1.0.4
THREE CHANNEL E3/DS3/STS-1 LINE
10.6 A REVIEW OF THE DS3 WANDER REQUIREMENTS PER ANSI T1.105.03B-1997. ............................. 118
10.7 A REVIEW OF THE INTRINSIC JITTER AND WANDER CAPABILITIES OF THE XRT75R03D IN A TYPICAL
SYSTEM APPLICATION .............................................................................................................................. 118
10.7.1 INTRINSIC JITTER TEST RESULTS...................................................................................................................... 118
TABLE 32: SUMMARY OF "CATEGORY I INTRINSIC JITTER TEST RESULTS" FOR SONET/DS3 APPLICATIONS................................... 118
10.7.2 WANDER MEASUREMENT TEST RESULTS........................................................................................................ 120
10.8 DESIGNING WITH THE XRT75R03D ......................................................................................................... 120
10.8.1 HOW TO DESIGN AND CONFIGURE THE XRT75R03D TO PERMIT A SYSTEM TO MEET THE ABOVE-MENTIONED
INTRINSIC JITTER AND WANDER REQUIREMENTS .............................................................................................. 120
FIGURE 58. ILLUSTRATION OF THE XRT75R03D BEING CONNECTED TO A MAPPER IC FOR SONET DE-SYNC APPLICATIONS ......... 120
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06................................................... 121
CHANNEL 1 ADDRESS LOCATION = 0X0E........................................... 121
CHANNEL 2 ADDRESS LOCATION = 0X16 ........................................... 121
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06................................................... 122
CHANNEL 1 ADDRESS LOCATION = 0X0E................................................ 122
CHANNEL 2 ADDRESS LOCATION = 0X16 ................................................. 122
JITTER ATTENUATOR CONTROL REGISTER - (CHANNEL 0 ADDRESS LOCATION = 0X07................................. 122
CHANNEL 1 ADDRESS LOCATION = 0X0F.................................... 122
CHANNEL 2 ADDRESS LOCATION = 0X17 .................................... 122
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07.................................. 123
CHANNEL 1 ADDRESS LOCATION = 0X0F.............................. 123
CHANNEL 2 ADDRESS LOCATION = 0X17 .............................. 123
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07.................................. 123
CHANNEL 1 ADDRESS LOCATION = 0X0F............................. 123
CHANNEL 2 ADDRESS LOCATION = 0X17 ............................. 123
10.8.2 RECOMMENDATIONS ON PRE-PROCESSING THE GAPPED CLOCKS (FROM THE MAPPER/ASIC DEVICE) PRI-
OR TO ROUTING THIS DS3 CLOCK AND DATA-SIGNALS TO THE TRANSMIT INPUTS OF THE XRT75R03D . 123
FIGURE 59. ILLUSTRATION OF MINOR PATTERN P1 .................................................................................................................. 124
FIGURE 60. ILLUSTRATION OF MINOR PATTERN P2 .................................................................................................................. 125
FIGURE 61. ILLUSTRATION OF PROCEDURE WHICH IS USED TO SYNTHESIZE MAJOR PATTERN A ................................................ 125
FIGURE 62. ILLUSTRATION OF MINOR PATTERN P3 .................................................................................................................. 126
FIGURE 63. ILLUSTRATION OF PROCEDURE WHICH IS USED TO SYNTHESIZE PATTERN B............................................................. 126
FIGURE 64. ILLUSTRATION OF THE SUPER PATTERN WHICH IS OUTPUT VIA THE "OC-N TO DS3" MAPPER IC ............................. 127
FIGURE 65. SIMPLE ILLUSTRATION OF THE XRT75R03D BEING USED IN A SONET DE-SYNCHRONIZER" APPLICATION ................... 127
10.8.3 HOW DOES THE XRT75R03D PERMIT THE USER TO COMPLY WITH THE SONET APS RECOVERY TIME RE-
QUIREMENTS OF 50MS (PER TELCORDIA GR-253-CORE)? ................................................................................. 127
TABLE 33: MEASURED APS RECOVERY TIME AS A FUNCTION OF DS3 PPM OFFSET ....................................................................... 128
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07.................................. 129
CHANNEL 1 ADDRESS LOCATION = 0X0F............................. 129
CHANNEL 2 ADDRESS LOCATION = 0X17 ............................. 129
10.8.4 HOW SHOULD ONE CONFIGURE THE XRT75R03D, IF ONE NEEDS TO SUPPORT "DAISY-CHAIN" TESTING AT
THE END CUSTOMER'S SITE? .................................................................................................................................. 129
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07.................................. 129
CHANNEL 1 ADDRESS LOCATION = 0X0F.................................... 129
CHANNEL 2 ADDRESS LOCATION = 0X17 .................................... 129
ORDERING INFORMATION ................................................................................................................ 130
PACKAGE DIMENSIONS - 14X20 MM, 128 PIN PACKAGE ............................................................................... 130
REVISIONS................................................................................................................................................. 131


Similar Part No. - XRT75R03DIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
803Kb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
More results

Similar Description - XRT75R03DIV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com